| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
VT6103 bảng dữ liệu(PDF) 44 Page - VIA Technologies, Inc. |
|
|
|||||||||||||||||||||||||||||
VT6103 bảng dữ liệu(HTML) 44 Page - VIA Technologies, Inc. |
|
44 / 46 page ![]() VT6103 - Fast Ethernet 10 / 100 PHY / Transceiver Revision 1.1 April 15, 2002 -38- Electrical Specifications Technologies, Inc. We Connect We Connect We Connect We Connect Table 16. 100Mb/s Receive Packet Timing Symbol Parameter Min Typ Max Unit Comment T1 Carrier Sense On Delay 100 ns T2 Receive Data Latency 160 ns RD+/- RXD[3:0] RXD[3:0] RXD[3:0] RXD[3:0] RX_DV RX_DV RX_DV RX_DV RX_ER/RXD[4] RX_ER/RXD[4] RX_ER/RXD[4] RX_ER/RXD[4] T2 T2 T2 T2 T1 T1 T1 T1 (J/K) (J/K) (J/K) (J/K) IDLE IDLE IDLE IDLE Data Data Data Data CRS CRS CRS CRS Figure 15. 100Mb/s Receive Packet Timing Table 17. 100Mb/s Transmit Packet Timing Symbol Parameter Min Typ Max Unit Comment T1 TXC to TX+/– Latency 120 ns T2 TXC to TX+/– Deassertion 120 ns T2 T1 T1 T1 T1 TX_CLK TX_CLK TX_CLK TX_CLK DATA DATA DATA DATA TD+/- TD+/- TD+/- TD+/- IDLE IDLE IDLE IDLE TX_EN TX_EN TX_EN TX_EN IDLE IDLE IDLE IDLE (J/K) (J/K) (J/K) (J/K) TR TR TR TR Figure 16. 100Mb/s Transmit Packet Timing |