công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

VT6103 bảng dữ liệu(PDF) 32 Page - VIA Technologies, Inc.

tên linh kiện VT6103
Giải thích chi tiết về linh kiện  Fast Ethernet 10 / 100 1-Port PHY / Transceiver
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  VIA [VIA Technologies, Inc.]
Trang chủ  https://www.viatech.com/en/
Logo VIA - VIA Technologies, Inc.

VT6103 bảng dữ liệu(HTML) 32 Page - VIA Technologies, Inc.

Back Button VT6103 Datasheet HTML 28Page - VIA Technologies, Inc. VT6103 Datasheet HTML 29Page - VIA Technologies, Inc. VT6103 Datasheet HTML 30Page - VIA Technologies, Inc. VT6103 Datasheet HTML 31Page - VIA Technologies, Inc. VT6103 Datasheet HTML 32Page - VIA Technologies, Inc. VT6103 Datasheet HTML 33Page - VIA Technologies, Inc. VT6103 Datasheet HTML 34Page - VIA Technologies, Inc. VT6103 Datasheet HTML 35Page - VIA Technologies, Inc. VT6103 Datasheet HTML 36Page - VIA Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 46 page
background image
VT6103 - Fast Ethernet 10 / 100 PHY / Transceiver
Revision 1.1 April 15, 2002
-26-
Functional Description
Technologies, Inc.
We Connect
We Connect
We Connect
We Connect
Jabber Function
The jabber function monitors the VT6103's output and
disables the transmitter if it attempts to transmit a packet of
longer than legal size. A jabber timer monitors the transmitter
and disables the transmission if the transmitter is active for
approximately 20-30 ms.
Once disabled by the Jabber
function, the transmitter stays disabled for the entire time that
the ENDEC module's internal transmit enable is asserted.
This signal has to be deasserted for approximately 400-600 ms
(the “unjabber” time) before the Jabber function re-enables the
transmit outputs. The Jabber function is only meaningful in
10Base-T mode.
Status Information
VT6103 Status Information is available on the LED output
pins.
Transmit activity, receive activity, link status, link
polarity and collision activity information is output to the four
LED output pins, selectable via LEDSEL at Rx16 (Rx10h)
bit[6:5] as follows:
Table 6. LED Function Definition
LEDSE
L
LED0
LED1
LED2
LED3
00
Link / Act
Speed
Duplex
COL
01
Pwr / TxAct
Link / RxAct
Speed
Duplex
10
Speed 100
Speed 10
Act
Duplex
11
Pwr / TxAct
Link / RxAct
Speed
COL
Automatic Link Polarity Detection
The VT6103's 10Base-T transceiver module incorporates an
automatic link polarity detection circuit.
When seven
consecutive link pulses or three consecutive receive packets
with inverted End-of-Packet pulses are received, bad polarity
is reported.
The VT6103's 10Base-T transceiver module
corrects for this error internally and will continue to decode
received data correctly. This eliminates the need to correct the
wiring error immediately.
Internal Loopback
When the FLB_DPLL bit (bit-5) of the PHY Configuration
Register (register address 1Ch) is set, transmit data is looped
back in the ENDEC to the receive channel.
The transmit
drivers and receive input circuitry are enabled in transceiver
loopback mode. Loopback is used for diagnostic testing of
the data path through the transceiver without transmitting on
the network or being interrupted by receive traffic.
This
loopback function causes the data to loop back via the output
driver buffers such that the entire transceiver path is tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com