| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PCF8558 bảng dữ liệu(PDF) 8 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8558 bảng dữ liệu(HTML) 8 Page - NXP Semiconductors |
|
8 / 24 page ![]() 1998 Apr 07 8 Philips Semiconductors Objective specification Universal LCD driver for small graphic panels PCF8558 ADDRESSING The data is downloaded into the matrix of the PCF8558 as indicated in Figs 4 and 5. The display RAM has a matrix of 40 by 101 bits (5 by 101 bytes). The columns are addressed by the address pointer. After writing one byte the pointer is set to the next byte. Control of address increment, horizontal or vertical, is by bit V in the command byte. DATA STRUCTURE Fig.4 RAM format, addressing. handbook, full pagewidth MGG561 display line 0 to 7 display line 8 to 15 display line 16 to 23 address 2 address 1 address 0 display line 24 to 31 display line 32 to 39 000 LSB MSB 001 010 Y address 011 100 X address 98 address 99 address 100 Fig.5 Order of writing data bytes into RAM. handbook, full pagewidth 05 16 27 38 49 MGG562 0 101 202 303 404 1 102 203 304 405 2 103 204 305 406 . . . . . . . . . . . . . . . a. Order of writing data bytes into RAM (V = 1). b. Order of writing data bytes into RAM (V = 0). |