| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PCF5083H/F2 bảng dữ liệu(PDF) 36 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF5083H/F2 bảng dữ liệu(HTML) 36 Page - NXP Semiconductors |
|
36 / 136 page ![]() 1996 Oct 29 36 Philips Semiconductors Objective specification GSM signal processing IC PCF5083 8.5 IOM®-2 Interface The PCF5083 includes a type of PCM Highway like digital Data and Voice interface which is also available for external devices. It can be configured to be compatible to the IOM®-2 standard. The blocks connected to this bus inside the IC are the Y-Port of the DSP core, the IOM®-2 master and the Audio Interface. The clock and frame synchronization signals (DCL, FSC) are either generated internally or provided externally. Figure 13 shows the general structure of the IOM®-2 interface. Fig.13 IOM®-2 Interface structure. handbook, full pagewidth MGE286 DCL FSC DCL FSC DU DD MONITOR / CI MASTER UNITS IOM-2 CLOCK GENERATION UNIT DETECT NEW IOM-2 DEVICE EXTERNAL IOM-2 INTERFACE FSC DCL DD DU CLOCK_MODE SOYD IO1/AEN ACLK AFS ADO ADI SIYD SIYCLK SIYEN IO1 AEN DSP CORE DCL FSC B_IN ACON_REG A_IN B_OUT SI_INT + EXT_DVI flag A_OUT IOMEXT_EN AUDIO INTERFACE |