| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PCF5083H/F2 bảng dữ liệu(PDF) 56 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF5083H/F2 bảng dữ liệu(HTML) 56 Page - NXP Semiconductors |
|
56 / 136 page ![]() 1996 Oct 29 56 Philips Semiconductors Objective specification GSM signal processing IC PCF5083 Table 46 TCH/F9.6 The following table shows the full rate data channel at 9.6 kbit/s. The 4 × 60 data bits shown correspond to 4 modified CCITT V.110 60-bit frames in accordance with “GSM 04.21”. For non-transparent services those four blocks shall align with one 240-bit RLP frame. The valid_flag indicates, whether the data block contains valid data (valid_flag = 1) or not (valid_flag = 0). It is used for DTX. DESCRIPTION OFFSET DOWNLINK DATA UPLINK DATA Block size 0 36 33 Valid flag; note 1 1 valid flag Modified CCITT frame 1 2 rb8 to rb1 rb8 to rb1 3 rb16 to rb9 rb16 to rb9 4 rb24 to rb17 rb24 to rb17 5 rb32 to rb25 rb32 to rb25 6 rb40 to rb33 rb40 to rb33 7 rb48 to rb41 rb48 to rb41 8 rb56 to rb49 rb56 to rb49 9 rb60 to rb57 rb60 to rb57 Modified CCITT frame 2 10 rb8 to rb1 rb8 to rb1 11 rb16 to rb9 rb16 to rb9 12 rb24 to rb17 rb24 to rb17 13 rb32 to rb25 rb32 to rb25 14 rb40 to rb33 rb40 to rb33 15 rb48 to rb41 rb48 to rb41 16 rb56 to rb49 rb56 to rb49 17 rb60 to rb57 rb60 to rb57 Modified CCITT frame 3 18 rb8 to rb1 rb8 to rb1 19 rb16 to rb9 rb16 to rb9 20 rb24 to rb17 rb24 to rb17 21 rb32 to rb25 rb32 to rb25 22 rb40 to rb33 rb40 to rb33 23 rb48 to rb41 rb48 to rb41 24 rb56 to rb49 rb56 to rb49 25 rb60 to rb57 rb60 to rb57 Modified CCITT frame 4 26 rb8 to rb1 rb8 to rb1 27 rb16 to rb9 rb16 to rb9 28 rb24 to rb17 rb24 to rb17 29 rb32 to rb25 rb32 to rb25 30 rb40 to rb33 rb40 to rb33 31 rb48 to rb41 rb48 to rb41 32 rb56 to rb49 rb56 to rb49 33 rb60 to rb57 rb60 to rb57 |