| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PCF2103 bảng dữ liệu(PDF) 32 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF2103 bảng dữ liệu(HTML) 32 Page - NXP Semiconductors |
|
32 / 56 page ![]() 1998 May 11 32 Philips Semiconductors Product specification LCD controllers/drivers PCF2103 family 10 LIMITING VALUES In accordance with the Absolute Maximum Rating System (IEC 134). 11 HANDLING Inputs and outputs are protected against electrostatic discharge in normal handling. However, to be totally safe, it is desirable to take normal precautions appropriate to handling MOS devices (see “Handling MOS Devices”). SYMBOL PARAMETER MIN. MAX. UNIT VDD supply voltage −0.5 +6.5 V VLCD LCD supply voltage −0.5 +7.5 V VI(1) input voltage on pins OSC, RS, R/W, E and DB7 to DB0 −0.5 VDD + 0.5 V VI(2) input voltage on pins SCL and SDA −0.5 +6.5 V VO output voltage on pins R1 to R18, C1 to C60 and VLCD −0.5 VLCD + 0.5 V II DC input current −10 +10 mA IO DC output current −10 +10 mA IDD,ISS and ILCD VDD, VSS or VLCD current −50 +50 mA Ptot total power dissipation − 400 mW P/out power dissipation per output − 100 mW Tstg storage temperature −65 +150 °C |