| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PCF2103 bảng dữ liệu(PDF) 25 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF2103 bảng dữ liệu(HTML) 25 Page - NXP Semiconductors |
|
25 / 56 page ![]() 1998 May 11 25 Philips Semiconductors Product specification LCD controllers/drivers PCF2103 family Table 9 Blink effect for icons and cursor character blink PARAMETER EVEN PHASE ODD PHASE Cursor underline on off Cursor character blink block (all on) normal (display character) Icons state 1: CGRAM characters 0 to 2 state 2: CGRAM characters 4 to 6 Fig.14 CGRAM-to-icon mapping. CGRAM data bit = logic 1 turns the icon on, data bit = logic 0 turns the icon off. Data in character codes 0 to 2 define the icon states when icon blink is disabled or during the even phase when icon blink is enabled. Data in character codes 4 to 6 define the icon state during the odd phase when icon blink is enabled (not used for icons when icon blink is disabled). handbook, full pagewidth MGG001 116-120 odd (blink) 18/56-60 0 0 0 0 0 1 1 0 icon view 0 1 1 0 0 1 1 0 0 1 1 0 1-5 odd (blink) 17/1-5 0 0 0 0 0 1 0 0 0 1 0 0 0 0 0 0 0 0 0 0 116-120 even 18/56-60 0 0 0 0 0 0 1 0 0 0 1 0 1 1 1 1 1 1 0 1 61-65 even 18/1-5 0 0 0 0 0 0 0 1 0 0 0 1 1 0 0 1 1 0 0 0 56-60 even 17/56-60 0 0 0 0 0 0 0 1 0 0 0 1 0 1 1 1 1 1 1 1 11-15 even 17/11-15 0 0 0 0 0 0 0 0 0 0 0 0 0 1 0 0 1 1 1 0 6-10 even 17/6-10 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 0 1 0 1 0 1-5 even 17/1-5 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 0 1 0 1 7 6 5 4 3 2 1 0 MSB LSB LSB MSB MSB LSB 6 5 4 3 2 1 0 4 3 2 1 0 icon no. phase ROW/COL character codes CGRAM address CGRAM data handbook, full pagewidth COL 1 to 5 12345 61 62 63 64 65 display: ROW 17 – ROW 18 – block of 5 columns COL 6 to 10 6789 10 66 67 68 69 70 COL 56 to 60 56 57 58 59 60 116 117 118 119 120 MGE999 |