| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
RG316/U bảng dữ liệu(PDF) 24 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
RG316/U bảng dữ liệu(HTML) 24 Page - ITT Industries |
|
24 / 39 page ![]() Dimensions are shown in mm (inch) Dimensions subject to change 128 CONTACT BODY ASSEMBLY RF Coaxial Connectors Assembly Instructions AI-770 SMA Flange Mount Connectors, Direct Solder Type for Semi-Rigid Cable 1. Strip cable to dimension shown, do not nick inner conductor. 2. Insert contact over inner conductor and push until it bottoms against the cable dielectric as shown. Solder contact to inner conductor through solder hole. Trim excess of cable dielectric, if required. 3. Slide contact and cable into rear of body assembly until it seats firmly against insulator in body. Solder cable to body applying sufficient heat to body for solder to flow, but using minimum heat cycle. |