công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

RG316/U bảng dữ liệu(PDF) 20 Page - ITT Industries

tên linh kiện RG316/U
Giải thích chi tiết về linh kiện  RF Coaxial Connectors
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ITT [ITT Industries]
Trang chủ  http://www.ittcannon.com
Logo ITT - ITT Industries

RG316/U bảng dữ liệu(HTML) 20 Page - ITT Industries

Back Button RG316/U Datasheet HTML 16Page - ITT Industries RG316/U Datasheet HTML 17Page - ITT Industries RG316/U Datasheet HTML 18Page - ITT Industries RG316/U Datasheet HTML 19Page - ITT Industries RG316/U Datasheet HTML 20Page - ITT Industries RG316/U Datasheet HTML 21Page - ITT Industries RG316/U Datasheet HTML 22Page - ITT Industries RG316/U Datasheet HTML 23Page - ITT Industries RG316/U Datasheet HTML 24Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 39 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
124
RF Coaxial Connectors
Assembly Instructions
AI-632
SSISStraight Jack Connectors, Direct Solder Type for Semi-Rigid Cable
1. Trim cable to dimension shown. Being careful not
to nick center conductor.
2. Solder contact to center conductor, maintaining ‘B’
dimension. Remove excess solder from outside of
contact.
3. Insert
body
and
insulator
sub-assembly
completely into soldering fixture (050-000-0930).
Insert cable assembly into rear of sub-assembly
with the contact butting against the soldering
fixture. Apply soft solder to rear of sub-assembly
and heat to make solder connection. Remove
assembly from fixture.
CONTACT
BODY ASSEMBLY
AB
2,29 (.090)
0,25
± 0,025 (.010 ± .001)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39