công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SSMB bảng dữ liệu(PDF) 30 Page - ITT Industries

tên linh kiện SSMB
Giải thích chi tiết về linh kiện  RF Coaxial Connectors
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ITT [ITT Industries]
Trang chủ  http://www.ittcannon.com
Logo ITT - ITT Industries

SSMB bảng dữ liệu(HTML) 30 Page - ITT Industries

Back Button SSMB Datasheet HTML 26Page - ITT Industries SSMB Datasheet HTML 27Page - ITT Industries SSMB Datasheet HTML 28Page - ITT Industries SSMB Datasheet HTML 29Page - ITT Industries SSMB Datasheet HTML 30Page - ITT Industries SSMB Datasheet HTML 31Page - ITT Industries SSMB Datasheet HTML 32Page - ITT Industries SSMB Datasheet HTML 33Page - ITT Industries SSMB Datasheet HTML 34Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 39 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
134
RF Coaxial Connectors
Assembly Instructions
BBAI-1203
Coaxial Terminations, 1 and 2 Point Direct PCB
Cable
Die Size
RG174/U
3,25 (.128)
RG178/U
2,67 (.105)
RG179/U
3,25 (.128)
RG188/U
3,25 (.128)
RG196/U
2,67 (.105)
RG316/U
3,25 (.128)
TAB FERRULE
CRIMP BODY
1. Trim cable to dimensions shown being careful not to nick or damage braids or center conductor.
Trim center conductor.
* These dimensions suit 2,54 (.100) and 7,62 (.300) PCB pitches, for other pitches see Note 4.
2. Slide Tab-Ferrule over cable.
NOTE: Orientation of tab-ferrule is optional depending upon mounting requirements. Flare braids
and slide crimp body over cable dielectric until braids meet flange on crimp body.
3. Slide tab-ferrule over braids to face of flange and crimp using ITT Cannon crimp tool and suitable
die set (see table).
4. Bend center conductor to dimension shown depending upon preferred orientation. These dimen-
sions suit 2,54 (.100) and 7,62 (.300) PCB pitches. For other pitches of 2,54 (.100) multiples add
2,54 (.100) multiples, to the 12,70 (.500) and 6,35 (.250) dimensions in the cable stripping
instructions Note 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39