| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PCD6001 bảng dữ liệu(PDF) 21 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCD6001 bảng dữ liệu(HTML) 21 Page - NXP Semiconductors |
|
21 / 96 page ![]() 2001 Apr 17 21 Philips Semiconductors Product specification Digital telephone answering machine chip PCD6001 handbook, full pagewidth MGT432 IRQ1/IX1 GROUP IF MSK TICB ANA ANALOG FUNCTIONS DSP I/O PADS P1, P3 RD,WR FLASH I2C-BUS FLASH CAD FLASH PARALLEL FLASH MICROWIRE/ SPI EXTERNAL 64-kbyte SRAM I/O PADS P4 DSP CD MSEL PORT1 WD WDRST PORT3 MODE CONTROL RAMIF CPU XMEMU PORT4 I PAD RST_IN I PAD RST_ANA O PAD MRST O PAD DIS_XTAL I2C-BUS I2C-bus_int ARD PCON.2 to PCON.7 MCB I/O PADS P0, P2 PSEN EA ALE SF GROUP INT. TIMER 0 TIMER 1 PCON.0 to PCON.1 INT15L2 SRAM MAIN/AUX RAM 256/512 BYTES APPLICATION SPECIFIC FUNCTIONS EX0 to EX6 DSP_req MSK_INT ROMIF INTERNAL 32 KBYTE ROM µCMS 80C51 CORE µC_CLK MRST osc_off pad_ale pad_ea_n TICBIF SPCON[7] DSP_event TIME_event RTC_event FS_event TICB DRAM ARAM Fig.7 Microcontroller (MS 80C51) architecture and environment. |