| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PCD5091 bảng dữ liệu(PDF) 11 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCD5091 bảng dữ liệu(HTML) 11 Page - NXP Semiconductors |
|
11 / 16 page ![]() 1997 Jul 21 11 Philips Semiconductors Objective specification DECT baseband controller PCD5091 6 FUNCTIONAL DESCRIPTION The PCD509x is a family of single-chip controllers, designed for use in Digital Enhanced Cordless Telecommunications systems (DECT). The family is designed for minimum component-count and minimum power consumption. All controllers include an embedded 80C51 microcontroller with on-chip memory and I2C-bus. The Philips DECT RF interface is implemented. The Burst Mode Logic (BML) performs the time-critical MAC layer functions for applications in DECT handsets and base stations. The ADPCM transcoding is in compliance with the CCITT recommendation G.721 and includes receive and transmit filters. handbook, full pagewidth PCD5092/ PCD5094 MBH945 LINE INTERFACE (e.g. TEA1118) a/b line u-law TAM switch RADIO CIRCUITS Fig.4 Block diagrams of DECT systems with PCX509x. a. Handset. b. Base with analog interface and echo cancellation; up to 6 portables can be handled. c. Base with digital interface and analog handset connected; up to 6 portables can be handled. handbook, full pagewidth MGD797 MICROPHONE EARPIECE PCD5091 RADIO CIRCUITS handbook, full pagewidth PCD5093 MGD795 MICROPHONE EARPIECE RADIO CIRCUITS 2 2 x IOM or 2 x ADPCM-CODEC or a combination |