công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PCE-360 bảng dữ liệu(PDF) 1 Page - PCE Instruments.

tên linh kiện PCE-360
Giải thích chi tiết về linh kiện  Clamp Meter PCE-360
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PCE [PCE Instruments.]
Trang chủ  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-360 bảng dữ liệu(HTML) 1 Page - PCE Instruments.

  PCE-360 Datasheet HTML 1Page - PCE Instruments. PCE-360 Datasheet HTML 2Page - PCE Instruments. PCE-360 Datasheet HTML 3Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Clamp Meter PCE-360
PCE-360 Single-Phase / 1-Phase Power Meter
Power-analyzing clamp meter with data logger functionality / Includes clamps, clips, leads, PC software and data cable
The PCE-360 is a Single-Phase Power Meter or clamp meter with data logger functionality. This versatile power analyzer can take single-phase
and three-phase power measurements both in real time and over an extended time period. The PCE-360 is used for the analysis of voltage (V),
current (A), active power (kW), apparent power (kVA), reactive power (kVar), power factor (cos Φ), phase angle (Φ), frequency (Hz), rotary field
(UL > 50V), active energy (MWh), apparent energy (MVAh), reactive energy (MVArh), harmonics (1 ... 63 order, via software), and waveforms (via
software).
The meter's large and easy-to-read screen displays up to 10 measurements simultaneously. In manual mode, the device stores up to 99
measurements directly. In data logger mode, the device stores up to 10,000,000 sets of measurements to the 4 GB internal memory. Measured
values are transferred easily to a PC using the included Windows-compatible software and data cable. In addition, four current clamps, four
alligator clips, and four measuring leads are included in the delivery contents.
- For measurement in real time and over an extended time period up to 578 days @ 5 second sample rate
Includes clamps, clips, leads, PC software and data cable
Large, easy-to-read screen displays up to 10 measurements simultaneously
Stores up to 99 measurements directly in manual mode or up to 10,000,000 sets of measurements to the 4 GB internal memory in data
logger mode
For analysis of voltage (V), current (A), active power (kW), apparent power (kVA), reactive power (kVar), power factor (cos Φ), phase angle (Φ),
frequency (Hz), rotary field (UL > 50V), active energy (MWh), apparent energy (MVAh), reactive energy (MVArh), harmonics (1 ... 63 order, via
software) and waveforms (via software)
Battery-saving automatic shutdown after approximately 30 minutes of inactivity
Device comes factory calibrated - optional ISO calibration certificate available for an additional fee (see accessories for details)


Số phần tương tự - PCE-360

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
PCE Instruments.
PCE-3000ULS PCE-PCE-3000ULS Datasheet
882Kb / 5P
Hardness Tester PCE-3000ULS
logo
Advantech Co., Ltd.
PCE-3026 ADVANTECH-PCE-3026 Datasheet
2Mb / 2P
LGA 1155 Intel짰 Core??i7/i5/i3 Half-size SHB with PCIe/VGA/DVI/Dual GbE LAN
PCE-3026G2-00A1E ADVANTECH-PCE-3026G2-00A1E Datasheet
2Mb / 2P
LGA 1155 Intel짰 Core??i7/i5/i3 Half-size SHB with PCIe/VGA/DVI/Dual GbE LAN
PCE-3026G2-00A1E ADVANTECH-PCE-3026G2-00A1E Datasheet
382Kb / 2P
LGA 1155 Intel짰 Core??i7/i5/i3 Half-size SHB with PCIe/VGA/DVI/Dual GbE LAN
PCE-3026G2-00A1E ADVANTECH-PCE-3026G2-00A1E Datasheet
752Kb / 2P
LGA 1155 Intel짰 Core??i7/i5/i3 Half-size SHB with PCIe/VGA/DVI/Dual GbE LAN
More results

Mô tả tương tự - PCE-360

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Extech Instruments Corp...
DC400 EXTECH-DC400 Datasheet
209Kb / 1P
Mini DC Clamp Meter
MA200 EXTECH-MA200 Datasheet
282Kb / 8P
400A AC Clamp Meter
380926 EXTECH-380926_15 Datasheet
213Kb / 1P
2000A AC/DC Clamp Meter
EX720 EXTECH-EX720 Datasheet
301Kb / 1P
800A Clamp Meter
EX700 EXTECH-EX700 Datasheet
301Kb / 1P
800A Clamp Meter
EX710 EXTECH-EX710_15 Datasheet
301Kb / 1P
800A Clamp Meter
logo
Fluke Corporation
303 FLUKE-303 Datasheet
1Mb / 24P
Clamp Meter
319 FLUKE-319 Datasheet
1Mb / 22P
Clamp Meter
logo
List of Unclassifed Man...
CL445 ETC-CL445 Datasheet
6Mb / 2P
HVAC CLAMP METER
logo
PCE Instruments.
PCE-GM60P PCE-PCE-GM60P Datasheet
310Kb / 2P
Gloss Meter PCE-GM 60Plus
More results


Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com