công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AM2732 bảng dữ liệu(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện AM2732
Giải thích chi tiết về linh kiện  AM273x Sitara™ Microcontrollers
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

AM2732 bảng dữ liệu(HTML) 39 Page - Texas Instruments

Back Button AM2732 Datasheet HTML 35Page - Texas Instruments AM2732 Datasheet HTML 36Page - Texas Instruments AM2732 Datasheet HTML 37Page - Texas Instruments AM2732 Datasheet HTML 38Page - Texas Instruments AM2732 Datasheet HTML 39Page - Texas Instruments AM2732 Datasheet HTML 40Page - Texas Instruments AM2732 Datasheet HTML 41Page - Texas Instruments AM2732 Datasheet HTML 42Page - Texas Instruments AM2732 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 114 page
background image
Table 5-12. RCSS GPIO Signal Descriptions (continued)
Signal Name
Signal
Type
Description
ZCE PIN
NZN PIN
RCSS_GPIO_46
IO
Radar control sub-system GPIO
A17, J19, T10
B11, G14, N4
RCSS_GPIO_47
IO
Radar control sub-system GPIO
B16, H19, W12
C11, F14, N6
RCSS_GPIO_48
IO
Radar control sub-system GPIO
C15, V12
B7, R7
RCSS_GPIO_49
IO
Radar control sub-system GPIO
A16, E19
C13, C7
RCSS_GPIO_50
IO
Radar control sub-system GPIO
B15, F16
B6, D14
RCSS_GPIO_51
IO
Radar control sub-system GPIO
A15, F18
A6, D13
RCSS_GPIO_52
IO
Radar control sub-system GPIO
B14, J18
B5, G15
RCSS_GPIO_53
IO
Radar control sub-system GPIO
C13, J17
A5, G13
RCSS_GPIO_54
IO
Radar control sub-system GPIO
K18
B10, H14
RCSS_GPIO_55
IO
Radar control sub-system GPIO
K16
A10, H13
RCSS_GPIO_56
IO
Radar control sub-system GPIO
L17
A9, J15
RCSS_GPIO_57
IO
Radar control sub-system GPIO
L18
C9, J14
RCSS_GPIO_58
IO
Radar control sub-system GPIO
K19
B9, H15
RCSS_GPIO_59
IO
Radar control sub-system GPIO
M19
A8, K15
RCSS_GPIO_60
IO
Radar control sub-system GPIO
L19
B8, J13
RCSS_GPIO_61
IO
Radar control sub-system GPIO
M18
A7, L14
RCSS_GPIO_62
IO
Radar control sub-system GPIO
N19
L15
RCSS_GPIO_63
IO
Radar control sub-system GPIO
P18
M13
5.3.8 I2C Signal Descriptions
Table 5-13. I2CA Signal Descriptions
Signal Name
Signal
Type
Description
ZCE PIN
NZN PIN
MSS_I2CA_SCL
IO
Master sub-system, I2C A, serial clock
A18, C1, C19,
F18, G2, U15
A14, A3, A7, B12,
D13, E1, R11
MSS_I2CA_SDA
IO
Master sub-system, I2C A, serial data
B1, B17, C17,
C18, F16, G1, V16
A11, A4, B13, B8,
C12, D14, E3, P11
Table 5-14. RCSS I2CB Signal Descriptions
Signal Name
Signal
Type
Description
ZCE PIN
NZN PIN
RCSS_I2CB_SCL
IO
Radar control sub-system I2C B, serial clock
B16, B3, G17,
M18, T19, U17
B4, C11, C9, E13,
L14, N12, P14
RCSS_I2CB_SDA
IO
Radar control sub-system I2C B, serial data
A17, G18, H18,
K19, L19, T18,
V19
A9, B11, E15,
F15, H15, J13,
P15, R14
Table 5-15. RCSS I2CA Signal Descriptions
Signal Name
Signal
Type
Description
ZCE PIN
NZN PIN
RCSS_I2CA_SCL
IO
Radar control sub-system I2C A, serial clock
B14, F19, M19,
R17, V18, W12
A10, B5, D15,
K15, N14, N6,
R13
RCSS_I2CA_SDA
IO
Radar control sub-system I2C A, serial data
A15, G19, R18,
T10, U19
A6, B10, E14,
N15, N4, P13
www.ti.com
AM2732, AM2732-Q1
SWRS245B – DECEMBER 2021 – REVISED DECEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
39
Product Folder Links: AM2732 AM2732-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More