công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AM2732 bảng dữ liệu(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện AM2732
Giải thích chi tiết về linh kiện  AM273x Sitara™ Microcontrollers
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

AM2732 bảng dữ liệu(HTML) 2 Page - Texas Instruments

  AM2732 Datasheet HTML 1Page - Texas Instruments AM2732 Datasheet HTML 2Page - Texas Instruments AM2732 Datasheet HTML 3Page - Texas Instruments AM2732 Datasheet HTML 4Page - Texas Instruments AM2732 Datasheet HTML 5Page - Texas Instruments AM2732 Datasheet HTML 6Page - Texas Instruments AM2732 Datasheet HTML 7Page - Texas Instruments AM2732 Datasheet HTML 8Page - Texas Instruments AM2732 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 114 page
background image
2 Applications
• Robotics
• Factory automation safety guards
• Building automation
• Automotive audio
• Traffic monitoring
• Machine vision
• Avionics
• Industrial transport
3 Description
The AM273x family of microcontrollers are highly-integrated, high-performance microcontrollers based on the
Arm Cortex-R5F and a C66x floating-point DSP cores. The device enables original equipment manufacturers
(OEM) and original design manufacturers (ODM) to quickly bring to market devices with robust software support,
rich user interfaces, and high performance. The device offers the maximum flexibility of a fully integrated, mixed
processor design.
With an integrated Hardware Security Module (HSM), functional safety support built in, large, integrated RAM
on die, and a wide temperature range, the AM273x offers a safe, secure and cost effective design for many
industrial and automotive applications.
The AM273x device is provided as part of a complete platform including hardware reference designs, software
drivers, DSP library, sample software configurations/applications, API guide, and user documentation.
Device Information
PART NUMBER
PACKAGE(1)
BODY SIZE
AM2732ADRFGAZCER
285-Pin NFBGA
13.0 mm x 13.0 mm
AM2732CDRFHAZCER
285-Pin NFBGA
13.0 mm x 13.0 mm
AM2732ADRFGQZCERQ1
285-Pin NFBGA
13.0 mm x 13.0 mm
AM2732CDRFHQZCERQ1
285-Pin NFBGA
13.0 mm x 13.0 mm
AM2732CMSFHQNZNRQ1
225-Pin NFBGA
13.0 mm x 13.0 mm
AM2731CLSFHQNZNRQ1
225-Pin NFBGA
13.0 mm x 13.0 mm
AM2731CASFHQNZNRQ1
225-Pin NFBGA
13.0 mm x 13.0 mm
AM2731CNSFHQNZNRQ1
225-Pin NFBGA
13.0 mm x 13.0 mm
(1)
For more information, see Section 11.
AM2732, AM2732-Q1
SWRS245B – DECEMBER 2021 – REVISED DECEMBER 2023
www.ti.com
2
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: AM2732 AM2732-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More