| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TMS320DM647 bảng dữ liệu(PDF) 137 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TMS320DM647 bảng dữ liệu(HTML) 137 Page - Texas Instruments |
|
137 / 166 page ![]() www.ti.com Receive Clock Generator AHCLKR ACLKR T Generator Clock Transmit ACLKX AHCLKX DIT RAM Transmit Generator FrameSync AFSX Detect Error Receive FrameSync Generator Formatter Transmit Data AMUTE AMUTEIN AFSR Serializer0 Serializer1 Serializer2 ClockCheck ransmit (High- Frequency) Receive ClockCheck (High- Frequency) Receive Formatter Data McASP Control GPIO AXR0[0] AXR0[1] Serializer3 AXR0[3] Serializer9 AXR0[9] AXR0[2] TMS320DM647/TMS320DM648 Digital Media Processor SPRS372 – MAY 2007 The McASP peripheral has additional capability for flexible clock generation, and error detection/handling, as well as error management. For more detailed information on and the functionality of the McASP peripheral, see the TMS320DM647/DM648 DSP Multichannel Audio Serial Port (McASP) User's Guide (literature number SPRUEL1). 6.17.1.1 McASP Block Diagram Figure 6-39 illustrates the major blocks along with external signals of the TMS320DM648 McASP peripheral; and shows the 10 serial data [AXR] pins. Figure 6-39. McASP Configuration Submit Documentation Feedback Peripheral Information and Electrical Specifications 137 |