công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMS320DM647 bảng dữ liệu(PDF) 91 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TMS320DM647
Giải thích chi tiết về linh kiện  Digital Media Processor
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM647 bảng dữ liệu(HTML) 91 Page - Texas Instruments

Back Button TMS320DM647 Datasheet HTML 87Page - Texas Instruments TMS320DM647 Datasheet HTML 88Page - Texas Instruments TMS320DM647 Datasheet HTML 89Page - Texas Instruments TMS320DM647 Datasheet HTML 90Page - Texas Instruments TMS320DM647 Datasheet HTML 91Page - Texas Instruments TMS320DM647 Datasheet HTML 92Page - Texas Instruments TMS320DM647 Datasheet HTML 93Page - Texas Instruments TMS320DM647 Datasheet HTML 94Page - Texas Instruments TMS320DM647 Datasheet HTML 95Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 166 page
background image
www.ti.com
TMS320DM647/TMS320DM648
Digital Media Processor
SPRS372 – MAY 2007
Table 6-25. DM647/DM648 DSP Interrupts (continued)
DSP
EVENT
INTERRUPT SOURCE
INTERRUPT
NUMBER
40
VP3_INT
VP3 Interrupt
41
VP4_INT
VP4 Interrupt
42
GPIO_BNK1_INT
(GPIO16:31) GPIO Bank 1 Interrupt.
43
AXINT
TX Interrupt McASP
44
ARINT
RX Interrupt McASP
45-49
Reserved
50
VINT
VLYNQ Pulse Interrupt
51
GPINT0
GPIO Interrupt
52
GPINT1
GPIO Interrupt
53
GPINT2
GPIO Interrupt
54
GPINT3
GPIO Interrupt
55
GPINT4
GPIO Interrupt
56
GPINT5
GPIO Interrupt
57
GPINT6
GPIO Interrupt
58
GPINT7
GPIO Interrupt
59
GPINT8
GPIO Interrupt
60
GPINT9
GPIO Interrupt
61
GPINT10
GPIO Interrupt
62
GPINT11
GPIO Interrupt
63
GPINT12
GPIO Interrupt
64
GPINT13
GPIO Interrupt
65
GPINT14
GPIO Interrupt
66
GPINT15
GPIO Interrupt
67
TINT0L
Timer interrupt low
68
TINT0H
Timer interrupt high
69
TINT1L
Timer interrupt low
70
TINT1H
Timer interrupt high
71
EDMA3CC_INT0
EDMA3CC Completion Interrupt - Mask0
72
EDMA3CC_INT1
EDMA3CC Completion Interrupt – Mask1
73
EDMA3CC_INT2
EDMA3CC Completion Interrupt – Mask2
74
EDMA3CC_INT3
EDMA3CC Completion Interrupt – Mask3
75
EDMA3CC_INT4
EDMA3CC Completion Interrupt – Mask4
76
EDMA3CC_INT5
EDMA3CC Completion Interrupt – Mask5
77
EDMA3CC_INT6
EDMA3CC Completion Interrupt – Mask6
78
EDMA3CC_INT7
EDMA3CC Completion Interrupt – Mask7
79
EDMA3CC_ERRINT
EDMA3CC Error Interrupt
80
EDMA3CC_MPINT
EDMA3CC Memory Protection Interrupt
81
EDMA3TC0_ERRINT
EDMA3TC0 Error Interrupt
82
EDMA3TC1_ERRINT
EDMA3TC1 Error Interrupt
83
EDMA3TC2_ERRINT
EDMA3TC2 Error Interrupt
84
EDMA3TC3_ERRINT
EDMA3TC3 Error Interrupt
85
Reserved
Reserved
86
Reserved
Reserved
87
Reserved
Reserved
88
Reserved
Reserved
89
Reserved
Reserved
Submit Documentation Feedback
Peripheral Information and Electrical Specifications
91



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More