| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TMS320DM647 bảng dữ liệu(PDF) 126 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TMS320DM647 bảng dữ liệu(HTML) 126 Page - Texas Instruments |
|
126 / 166 page ![]() www.ti.com HCS HAS HR/W HHWIL HSTROBE(A) HD[15:0] HRDY(B) 2 3 1 37 9 10 14 2 38 12 11 12 11 12 11 13 7 6 1 3 13 37 9 10 36 HCNTL[1:0] 12 11 12 11 12 11 TMS320DM647/TMS320DM648 Digital Media Processor SPRS372 – MAY 2007 A. HSTROBE refers to the following logical operation on HCS, HDS1, and HDS2: [NOT(HDS1 XOR HDS2)] OR HCS. B. Depending on the type of write or read operation (HPID without auto-incrementing; HPIA, HPIC, or HPID with auto-incrementing) and the state of the FIFO, transitions on HRDY may or may not occur. For more detailed information on the HPI peripheral, see the TMS320DM647/DM648 DSP Host Port Interface (HPI) User's Guide (literature number SPRUEL5). Figure 6-34. HPI16 Write Timing (HAS Used) Peripheral Information and Electrical Specifications 126 Submit Documentation Feedback |