| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CDCE421 bảng dữ liệu(PDF) 9 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
CDCE421 bảng dữ liệu(HTML) 9 Page - Texas Instruments |
|
9 / 30 page ![]() www.ti.com CDCE421 SCAS842 – APRIL 2007 Word 1: BIT NAME DESCRIPTION/FUNCTION TYPE RECOMMENDED VALUE 0 C0 Register selection W 1 1 C1 Register selection W 0 2 C2 Register selection W 0 3 LFRCSEL Loop filter control settings, bit 0 W 1 4 LFRCSEL Loop filter control settings, bit 1 W 1 5 LFRCSEL Loop filter control settings, bit 2 W 1 6 LFRCSEL Loop filter control settings, bit 3 W 1 7 LFRCSEL Loop filter control settings, bit 4 W 1 8 LFRCSEL Loop filter control settings, bit 5 W 0 9 LFRCSEL Loop filter control settings, bit 6 W 1 10 LFRCSEL Loop filter control settings, bit 7 W 0 Word 2: BIT NAME DESCRIPTION/FUNCTION TYPE RECOMMENDED VALUE 0 C0 Register selection W 0 1 C1 Register selection W 1 2 C2 Register selection W 0 3 LFRCSEL Loop filter control settings, bit 8 W 1 4 LFRCSEL Loop filter control settings, bit 9 W 1 5 LFRCSEL Loop filter control settings, bit 10 W 0 6 LFRCSEL Loop filter control settings, bit 11 W 0 7 LFRCSEL Loop filter control settings, bit 12 W 0 8 LFRCSEL Loop filter control settings, bit 13 W 0 9 LFRCSEL Loop filter control settings, bit 14 W 0 10 LFRCSEL Loop filter control settings, bit 15 W 0 Word 3: BIT NAME DESCRIPTION/FUNCTION TYPE RECOMMENDED VALUE 0 C0 Register selection W 1 1 C1 Register selection W 1 2 C2 Register selection W 0 3 LFRCSEL Loop filter control settings, bit 16 W 0 4 LFRCSEL Loop filter control settings, bit 17 W 0 5 LFRCSEL Loop filter control settings, bit 18 W 0 6 ICPSEL Charge pump current sel, bit 0 W 1 7 ICPSEL Charge pump current sel, bit 1 W 1 8 ICPSEL Charge pump current sel, bit 2 W 1 9 ICPSEL Charge pump current sel, bit 3 W 1 10 Not Used W 0 9 Submit Documentation Feedback |