| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CML18 bảng dữ liệu(PDF) 3 Page - Endress+Hauser Group Services AG |
|
|
|||||||||||||||||||||||||||||
CML18 bảng dữ liệu(HTML) 3 Page - Endress+Hauser Group Services AG |
|
3 / 16 page ![]() Liquiline Mobile CML18 Endress+Hauser 3 Measuring system The measuring system consists at least of a Liquiline Mobile CML18 transmitter and a Memosens sensor. Connection options: • M12 connection • Connection of a Memosens sensor via the M12 Memosens cable (optionally available) • Connection of the Liquiline Mobile CML18 to a PC for data transmission or to charge the device via the M12-USB cable (optionally available) • Bluetooth interface to connect the Liquiline Mobile CML18 to a compatible end device (not supplied) for data analysis, data transmission and device configuration via the SmartBlue app • Memosens connection directly on the device for a Memosens sensor 3 1 2 A0045563 2 Cable, sensor and smartphone not supplied 1 M12 connection 2 Bluetooth interface 3 Memosens connection The simultaneous connection of 2 sensors is not supported. Measurement is interrupted during data transmission, software updates or device configuration. Communication and operation Operation and settings via: • Internal operating menu with keys • SmartBlue App via Bluetooth® LE wireless technology → 9 Dependability Reliability Memosens MEMO SENS Memosens makes your measuring point safer and more reliable: • Non-contact, digital signal transmission enables optimum galvanic isolation • No contact corrosion • Completely watertight |