| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CML18 bảng dữ liệu(PDF) 1 Page - Endress+Hauser Group Services AG |
|
|
|||||||||||||||||||||||||||||
CML18 bảng dữ liệu(HTML) 1 Page - Endress+Hauser Group Services AG |
|
1 / 16 page ![]() Application Liquiline Mobile CML18 is a multiparameter mobile device for connecting digital sensors with Memosens technology and optional operation by smartphone or other mobile devices via Bluetooth. The device is designed for reliable operation in the field or laboratory and is particularly suitable for the following industries: • Life sciences • Chemical industry • Water and wastewater • Food and beverages • Power stations • Other industrial applications of liquid analysis Your benefits Easy operation: Use your own tablets and smartphones for operation and commissioning. Enjoy all the benefits of Memosens technology: Memosens sensors offer you the most secure method of data transmission, maximum measured value availability and easy, straightforward handling. Trust your measured values: As the same technology is used, complete consistency between process and sample measurements is guaranteed. Simplify your daily tasks: Real plug & play with pre-calibrated Memosens sensors allows you to switch quickly between parameters. Use the data logger function: Save over 10,000 measured values with a time and date stamp. Simply take it with you to any measuring point: The versatile device can be used wherever it is needed - from the laboratory to the process. Small and handy, it fits into any shirt pocket. Products Solutions Services Technical Information Liquiline Mobile CML18 Multiparameter mobile device TI01598C/07/EN/01.21 71532497 2021-03-29 |
Số phần tương tự - CML18 |
|
Mô tả tương tự - CML18 |