công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HIP6004ECBZ bảng dữ liệu(PDF) 10 Page - Intersil Corporation

tên linh kiện HIP6004ECBZ
Giải thích chi tiết về linh kiện  Buck and Synchronous-Rectifier (PWM) Controller and Output Voltage Monitor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP6004ECBZ bảng dữ liệu(HTML) 10 Page - Intersil Corporation

Back Button HIP6004ECBZ Datasheet HTML 5Page - Intersil Corporation HIP6004ECBZ Datasheet HTML 6Page - Intersil Corporation HIP6004ECBZ Datasheet HTML 7Page - Intersil Corporation HIP6004ECBZ Datasheet HTML 8Page - Intersil Corporation HIP6004ECBZ Datasheet HTML 9Page - Intersil Corporation HIP6004ECBZ Datasheet HTML 10Page - Intersil Corporation HIP6004ECBZ Datasheet HTML 11Page - Intersil Corporation HIP6004ECBZ Datasheet HTML 12Page - Intersil Corporation HIP6004ECBZ Datasheet HTML 13Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
10
within their maximum junction temperature at high ambient
temperature by calculating the temperature rise according to
package thermal-resistance specifications. A separate heatsink
may be necessary depending upon MOSFET power, package
type, ambient temperature and air flow.
Standard-gate MOSFETs are normally recommended for
use with the HIP6004E. However, logic-level gate MOSFETs
can be used under special circumstances. The input voltage,
upper gate drive level, and the MOSFET’s absolute gate-to-
source voltage rating determine whether logic-level
MOSFETs are appropriate.
Figure 9 shows the upper gate drive (BOOT pin) supplied by a
bootstrap circuit from VCC. The boot capacitor, CBOOT
develops a floating supply voltage referenced to the PHASE
pin. This supply is refreshed each cycle to a voltage of VCC
less the boot diode drop (VD) when the lower MOSFET, Q2
turns on. Logic-level MOSFETs can only be used if the
MOSFET’s absolute gate-to-source voltage rating exceeds
the maximum voltage applied to VCC.
Figure 10 shows the upper gate drive supplied by a direct
connection to VCC. This option should only be used in
converter systems where the main input voltage is +5VDC or
less. The peak upper gate-to-source voltage is approximately
VCC less the input supply. For +5V main power and +12VDC
for the bias, the gate-to-source voltage of Q1 is 7V. A logic-
level MOSFET is a good choice for Q1 and a logic-level
MOSFET can be used for Q2 if its absolute gate-to-source
voltage rating exceeds the maximum voltage applied to VCC.
PUPPER = Io
2 x r
DS(ON) x D +
1
2
Io x VIN x tSW x FS
PLOWER = Io
2 x r
DS(ON) x (1 - D)
Where: D is the duty cycle = VOUT / VIN,
tSW is the switch ON time, and
FS is the switching frequency.
+12V
PGND
HIP6004E
GND
LGATE
UGATE
PHASE
BOOT
VCC
+5V OR +12V
NOTE:
NOTE:
VG-S ≈ VCC
CBOOT
DBOOT
Q1
Q2
+
-
FIGURE 9. UPPER GATE DRIVE - BOOTSTRAP OPTION
VG-S ≈ VCC -VD
D2
+ VD -
+12V
PGND
HIP6004E
GND
LGATE
UGATE
PHASE
BOOT
V
CC
+5V OR LESS
NOTE:
NOTE:
VG-S ≈ VCC
Q1
Q2
+
-
FIGURE 10. UPPER GATE DRIVE - DIRECT VCC DRIVE OPTION
VG-S ≈ VCC -5V
D2
HIP6004E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com