công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HIP6004ECBZ bảng dữ liệu(PDF) 3 Page - Intersil Corporation

tên linh kiện HIP6004ECBZ
Giải thích chi tiết về linh kiện  Buck and Synchronous-Rectifier (PWM) Controller and Output Voltage Monitor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP6004ECBZ bảng dữ liệu(HTML) 3 Page - Intersil Corporation

  HIP6004ECBZ Datasheet HTML 1Page - Intersil Corporation HIP6004ECBZ Datasheet HTML 2Page - Intersil Corporation HIP6004ECBZ Datasheet HTML 3Page - Intersil Corporation HIP6004ECBZ Datasheet HTML 4Page - Intersil Corporation HIP6004ECBZ Datasheet HTML 5Page - Intersil Corporation HIP6004ECBZ Datasheet HTML 6Page - Intersil Corporation HIP6004ECBZ Datasheet HTML 7Page - Intersil Corporation HIP6004ECBZ Datasheet HTML 8Page - Intersil Corporation HIP6004ECBZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3
Absolute Maximum Ratings
Thermal Information
Supply voltage, VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .+15V
Boot voltage, VBOOT - VPHASE . . . . . . . . . . . . . . . . . . . . . . . . .+15V
Input, output or I/O voltage . . . . . . . . . . . . GND -0.3V to VCC +0.3V
ESD classification . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Class 2
Operating Conditions
Supply voltage, VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . +12V ±10%
Ambient temperature range . . . . . . . . . . . . . . . . . . . . . . 0oC to 70oC
Thermal resistance (Typical, Note 1)
θ
JA (
oC/W)
SOIC package . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
65
TSSOP package . . . . . . . . . . . . . . . . . . . . . . . . . . .
90
Maximum junction temperature . . . . . . . . . . . . . . . . . . . . . . . 150oC
Maximum storage temperature range . . . . . . . . . . . -65oC to 150oC
Maximum lead temperature (soldering 10s) . . . . . . . . . . . . . 300oC
(lead tips only)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1.
θ
JA is measured with the component mounted on a high-effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
Electrical Specifications
Recommended operating conditions, unless otherwise noted
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
VCC SUPPLY CURRENT
Nominal supply
ICC
UGATE and LGATE open
-
5
-
mA
POWER-ON RESET
Rising VCC threshold
VOCSET = 4.5V
-
-
10.4
V
Falling VCC threshold
VOCSET = 4.5V
8.2
-
-
V
Rising VOCSET threshold
-1.26-
V
OSCILLATOR
Free running frequency
RT = open
185
200
215
kHz
Total variation
6k
Ω < RT to GND < 200kΩ
-15
-
+15
%
Ramp amplitude
∆V
OSC
RT = open
-
1.9
-
VP-P
REFERENCE AND DAC
DAC (VID0-VID4) input low voltage
--
0.8V
DAC (VID0-VID4) input high voltage
2.0
-
-
V
DACOUT voltage accuracy
-1.0
-
+1.0
%
ERROR AMPLIFIER
DC gain
-88-
dB
Gain-bandwidth product
GBWP
-
15
-
MHz
Slew rate
SR
COMP = 10pF
-
6
-
V/
µs
GATE DRIVERS
Upper gate source
IUGATE
VBOOT - VPHASE = 12V, VUGATE = 6V
350
500
-
mA
Upper gate sink
RUGATE
ILGATE = 0.3A
-
5.5
10
Ω
Lower gate source
ILGATE
VCC = 12V, VLGATE = 6V
300
450
-
mA
Lower gate sink
RLGATE
ILGATE = 0.3A
-
3.5
6.5
Ω
PROTECTION
Overvoltage trip (VSEN/DACOUT)
-
115
120
%
OCSET current source
IOCSET
VOCSET = 4.5VDC
170
200
230
µA
OVP sourcing current
IOVP
VSEN = 5.5V, VOVP = 0V
60
-
-
mA
Soft start current
ISS
-10-
µA
POWER GOOD
Upper threshold (VSEN/DACOUT)
VSEN rising
106
-
111
%
Lower threshold (VSEN/DACOUT)
VSEN falling
89
-
94
%
Hysteresis (VSEN/DACOUT)
Upper and lower threshold
-
2
-
%
PGOOD voltage low
VPGOOD
IPGOOD = -5mA
-
0.3
-
V
HIP6004E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com