công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CIRCC bảng dữ liệu(PDF) 24 Page - SMSC Corporation

tên linh kiện CIRCC
Giải thích chi tiết về linh kiện  Consumer Infrared Communications Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SMSC [SMSC Corporation]
Trang chủ  http://www.smsc.com
Logo SMSC - SMSC Corporation

CIRCC bảng dữ liệu(HTML) 24 Page - SMSC Corporation

Back Button CIRCC Datasheet HTML 20Page - SMSC Corporation CIRCC Datasheet HTML 21Page - SMSC Corporation CIRCC Datasheet HTML 22Page - SMSC Corporation CIRCC Datasheet HTML 23Page - SMSC Corporation CIRCC Datasheet HTML 24Page - SMSC Corporation CIRCC Datasheet HTML 25Page - SMSC Corporation CIRCC Datasheet HTML 26Page - SMSC Corporation CIRCC Datasheet HTML 27Page - SMSC Corporation CIRCC Datasheet HTML 28Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 70 page
background image
24
MASTER BLOCK CONTROL REGISTER
The Master Block Control Register contains the
CIrCC Power Down bit, two reset bits, the Master
Interrupt Enable bit, and the Register Block
Select lines (Table 14).
Address 7 is solely reserved for the Master Block
Control register. If the nSCE input is 0, the MBC
is always visible, regardless of the state of the
Register Block Select lines.
Table 14 - SCE Master Block Control Register
Address
Direction
Description
Default
A2
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
1
1
1
R/W
Master Block Control Register
'00'hex
power
down
master
reset
master
int en.
error
reset
register block
select
Register Block Select, bits 0-2
The Register Block Select bits enable access to
each of the eight possible register blocks.
To
access a register block other than the default (0),
write a 3 bit register block number to the least
significant bits of the Master Block Control
Register.
All subsequent reads and writes to
addresses 0 through 6 will access the registers in
the new block.
To return to register block 0,
rewrite zeros to the register block select bits.
Error Reset, bit 4
Writing a one to the Error Reset bit will return all
of the SCE Line Status Register bits (Register
Block Zero) to their inactive states and reset the
Message Count bits, the Memory Count bits, and
the Message Byte Count registers to zero.
Master Interrupt Enable, bit 5
Setting the Master Interrupt Enable to one
enable the SCE interrupts onto the Interrupt
Request
bus
(IRQ)
only
if
their
individual
enables are active.
Setting this bit to a zero
disables all SCE interrupts regardless of the
state of their individual enables.
Master Reset, bit 6
Setting the Master Reset bit to one forces data in
the SCE registers and SCE logical blocks into
the Power-On-Reset state. The Master Reset bit
is reset to zero following the reset operation.
Note: The Legacy bits (Register Block One,
Address Zero, Bits D0-D6) and the IR Half
Duplex Timeout are unaffected by Master Reset.
Power Down, bit 7
Setting this bit to a one causes only the SCE to
enter the low-power state.
Power down mode
does not preclude access to the Master Block
Control register so that this mode can be
maintained entirely under software control. The
SCE can also be powered-down by the Power
Down
input
described
in
the
Interface
Description.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com