công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

L320MH12PI bảng dữ liệu(PDF) 45 Page - Advanced Micro Devices

tên linh kiện L320MH12PI
Giải thích chi tiết về linh kiện  32 Megabit (2 M x 16-Bit/4 M x 8-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMD [Advanced Micro Devices]
Trang chủ  http://www.amd.com
Logo AMD - Advanced Micro Devices

L320MH12PI bảng dữ liệu(HTML) 45 Page - Advanced Micro Devices

Back Button L320MH12PI Datasheet HTML 41Page - Advanced Micro Devices L320MH12PI Datasheet HTML 42Page - Advanced Micro Devices L320MH12PI Datasheet HTML 43Page - Advanced Micro Devices L320MH12PI Datasheet HTML 44Page - Advanced Micro Devices L320MH12PI Datasheet HTML 45Page - Advanced Micro Devices L320MH12PI Datasheet HTML 46Page - Advanced Micro Devices L320MH12PI Datasheet HTML 47Page - Advanced Micro Devices L320MH12PI Datasheet HTML 48Page - Advanced Micro Devices L320MH12PI Datasheet HTML 49Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 59 page
background image
January 31, 2007 26517B4
Am29LV320MH/L
43
D A TA
SH EET
AC CHARACTERISTICS
Erase and Program Operations
Notes:
1.
Not 100% tested.
2.
See the “Erase And Programming Performance” section for more
information.
3.
For 1–16 words/1–32 bytes programmed.
4.
Effective write buffer specification is based upon a
16-word/32-byte write buffer operation.
5.
Word/Byte programming specification is based upon a single
word/byte programming operation not utilizing the write buffer.
6.
AC specifications listed are tested with VIO = VCC. Contact AMD
for information on AC operation with VIO ≠ VCC.
7.
When using the program suspend/resume feature, if the suspend
command is issued within tPOLL, tPOLL must be fully re-applied
upon resuming the programming operation. If the suspend
command is issued after t
POLL, tPOLL is not required again prior to
reading the status bits upon resuming.
Parameter
Speed Options
JEDEC
Std.
Description
90R
101,
101R
112,
112R
120,
120R
Unit
tAVAV
tWC
Write Cycle Time (Note 1)
Min
90
100
110
120
ns
tAVWL
tAS
Address Setup Time
Min
0
ns
tASO
Address Setup Time to OE# low during toggle bit polling
Min
15
ns
tWLAX
tAH
Address Hold Time
Min
45
ns
tAHT
Address Hold Time From CE# or OE# high
during toggle bit polling
Min
0
ns
t
DVWH
t
DS
Data Setup Time
Min
45
ns
t
WHDX
t
DH
Data Hold Time
Min
0
ns
t
OEPH
Output Enable High during toggle bit polling
Min
20
ns
t
GHWL
t
GHWL
Read Recovery Time Before Write (OE# High to WE# Low)
Min
0
ns
t
ELWL
t
CS
CE# Setup Time
Min
0
ns
t
WHEH
t
CH
CE# Hold Time
Min
0
ns
t
WLWH
t
WP
Write Pulse Width
Min
35
ns
t
WHDL
t
WPH
Write Pulse Width High
Min
30
ns
t
WHWH1
t
WHWH1
Write Buffer Program Operation (Notes 2, 3)
Typ
240
µs
Effective Write Buffer Program Operation
(Notes 2, 4)
Per Byte
Typ
7.5
µs
Per Word
Typ
15
µs
Accelerated Effective Write Buffer Program
Operation (Notes 2, 5)
Per Byte
Typ
6.25
µs
Per Word
Typ
12.5
µs
Single Word/Byte Program Operation
(Notes 2, 5)
Byte
Typ
60
µs
Word
60
Accelerated Single Word/Byte
Programming Operation (Note 2)
Byte
Typ
54
µs
Word
54
t
WHWH2
t
WHWH2
Sector Erase Operation (Note 2)
Typ
0.5
sec
t
VHH
V
HH Rise and Fall Time (Note 1)
Min
250
ns
t
VCS
V
CC Setup Time (Note 1)
Min
50
µs
t
BUSY
WE# to RY/BY#
Max
90
100
110
120
ns
t
POLL
Program Valid Before Status Polling
(Note 7)
Max
4
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com