công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

L320MH12PI bảng dữ liệu(PDF) 29 Page - Advanced Micro Devices

tên linh kiện L320MH12PI
Giải thích chi tiết về linh kiện  32 Megabit (2 M x 16-Bit/4 M x 8-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMD [Advanced Micro Devices]
Trang chủ  http://www.amd.com
Logo AMD - Advanced Micro Devices

L320MH12PI bảng dữ liệu(HTML) 29 Page - Advanced Micro Devices

Back Button L320MH12PI Datasheet HTML 25Page - Advanced Micro Devices L320MH12PI Datasheet HTML 26Page - Advanced Micro Devices L320MH12PI Datasheet HTML 27Page - Advanced Micro Devices L320MH12PI Datasheet HTML 28Page - Advanced Micro Devices L320MH12PI Datasheet HTML 29Page - Advanced Micro Devices L320MH12PI Datasheet HTML 30Page - Advanced Micro Devices L320MH12PI Datasheet HTML 31Page - Advanced Micro Devices L320MH12PI Datasheet HTML 32Page - Advanced Micro Devices L320MH12PI Datasheet HTML 33Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 59 page
background image
January 31, 2007 26517B4
Am29LV320MH/L
27
D A TA
SH EET
Figure 4.
Write Buffer Programming Operation
Write “Write to Buffer”
command and
Sector Address
Write number of addresses
to program minus 1(WC)
and Sector Address
Write program buffer to
flash sector address
Write first address/data
Write to a different
sector address
FAIL or ABORT
PASS
Read DQ7 - DQ0 at
Last Loaded Address
Read DQ7 - DQ0 with
address = Last Loaded
Address
Write next address/data pair
WC = WC - 1
WC = 0 ?
Part of “Write to Buffer”
Command Sequence
Yes
Yes
Yes
Yes
Yes
Yes
No
No
No
No
No
No
Abort Write to
Buffer Operation?
DQ7 = Data?
DQ7 = Data?
DQ5 = 1?
DQ1 = 1?
Write to buffer ABORTED.
Must write “Write-to-buffer
Abort Reset” command
sequence to return
to read mode.
Notes:
1.
When Sector Address is specified, any address in
the selected sector is acceptable. However, when
loading Write-Buffer address locations with data, all
addresses must fall within the selected Write-Buffer
Page.
2.
DQ7 may change simultaneously with DQ5.
Therefore, DQ7 should be verified.
3.
If this flowchart location was reached because
DQ5= “1”, then the device FAILED. If this flowchart
location was reached because DQ1= “1”, then the
Write to Buffer operation was ABORTED. In either
case, the proper reset command must be written
before the device can begin another operation. If
DQ1=1, write the
Write-Buffer-Programming-Abort-Reset
command. if DQ5=1, write the Reset command.
4.
See Table 11 for command sequences required for
write buffer programming.
(Note 3)
(Note 1)
(Note 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com