công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

L320ML11PI bảng dữ liệu(PDF) 11 Page - Advanced Micro Devices

tên linh kiện L320ML11PI
Giải thích chi tiết về linh kiện  32 Megabit (2 M x 16-Bit/4 M x 8-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMD [Advanced Micro Devices]
Trang chủ  http://www.amd.com
Logo AMD - Advanced Micro Devices

L320ML11PI bảng dữ liệu(HTML) 11 Page - Advanced Micro Devices

Back Button L320ML11PI Datasheet HTML 7Page - Advanced Micro Devices L320ML11PI Datasheet HTML 8Page - Advanced Micro Devices L320ML11PI Datasheet HTML 9Page - Advanced Micro Devices L320ML11PI Datasheet HTML 10Page - Advanced Micro Devices L320ML11PI Datasheet HTML 11Page - Advanced Micro Devices L320ML11PI Datasheet HTML 12Page - Advanced Micro Devices L320ML11PI Datasheet HTML 13Page - Advanced Micro Devices L320ML11PI Datasheet HTML 14Page - Advanced Micro Devices L320ML11PI Datasheet HTML 15Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 59 page
background image
January 31, 2007 26517B4
Am29LV320MH/L
9
D A TA
SH EET
ORDERING INFORMATION
Standard Products
AMD standard products are available in several packages and operating ranges. The order number (Valid Combination) is
formed by a combination of the following:
Valid Combinations
Valid Combinations list configurations planned to be supported in vol-
ume for this device. Consult the local AMD sales office to confirm
availability of specific valid combinations and to check on newly re-
leased combinations.
Note:
For the Am29LV320MH/L device, the last numeric digit in the speed option (e.g.
90R, 101, 112, 120) is used for internal purposes only. Please use OPNs as
listed when placing orders.
Am29LV320M
H
120R
PC
I
TEMPERATURE RANGE
I
=
Industrial (–40
°C to +85°C)
F
=
Industrial (–40
°C to +85°C) with Pb-free Packages
PACKAGE TYPE
E
=
56-Pin Thin Small Outline Package (TSOP) Standard Pinout (TS 056)
F
=
56-Pin Thin Small Outline Package (TSOP) Reverse Pinout (TSR056)
PC
=
64-Ball Fortified Ball Grid Array
1.0 mm pitch, 13 x 11 mm package (LAA064)
SPEED OPTION
See Product Selector Guide and Valid Combinations
SECTOR ARCHITECTURE AND WP# PROTECTION (WP# = VIL)
H
=
Uniform sector device, highest address sector protected
L
=
Uniform sector device, lowest address sector protected
DEVICE NUMBER/DESCRIPTION
Am29LV320M
32 Megabit (2 M x 16-Bit/4 M x 8-Bit) MirrorBit
™ Uniform Sector Flash Memory
with VersatileIO
™ Control, 3.0 Volt-only Read, Program, and Erase
Valid Combinations for
TSOP Package
Speed
(ns)
V
IO
Range
V
CC
Range
Am29LV320MH90R,
Am29LV320ML90R
EI,
FI,
EF
90
3.0–3.6 V
3.0–3.6 V
Am29LV320MH101,
Am29LV320ML101
100
2.7–3.6 V
2.7–3.6 V
Am29LV320MH112,
Am29LV320ML112
110
1.65–3.6 V
Am29LV320MH120,
Am29LV320ML120
120
1.65–3.6 V
Am29LV320MH101R,
Am29LV320ML101R
100
2.7–3.6 V
3.0–3.6 V
Am29LV320MH112R,
Am29LV320ML112R
110
1.65–3.6 V
Am29LV320MH120R,
Am29LV320ML120R
120
1.65–3.6 V
Valid Combinations for
Fortified BGA Package
Speed
(ns)
V
IO
Range
V
CC
Range
Order Number
Package
Marking
Am29LV320MH90R,
Am29LV320ML90R
PCI,
PCF
L320MH90N,
L320ML90N
I,
F
90
3.0–
3.6 V
3.0–
3.6 V
Am29LV320MH101,
Am29LV320ML101
L320MH01P,
L320ML01P
100
2.7–
3.6 V
2.7–
3.6 V
Am29LV320MH112,
Am29LV320ML112
L320MH11P,
L320ML11P
110
1.65–
3.6 V
Am29LV320MH120,
Am29LV320ML120
L320MH12P,
L320ML12P
120
1.65–
3.6 V
Am29LV320MH101R,
Am29LV320ML101R
L320MH01N,
L320ML01N
100
2.7–
3.6 V
3.0–
3.6 V
Am29LV320MH112R,
Am29LV320ML112R
L320MH11N,
L320ML11N
110
1.65–
3.6 V
Am29LV320MH120R,
Am29LV320ML120R
L320MH12N,
L320ML12N
120
1.65–
3.6 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com