| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADA3200DEP3AR bảng dữ liệu(PDF) 8 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
ADA3200DEP3AR bảng dữ liệu(HTML) 8 Page - Advanced Micro Devices |
|
8 / 95 page ![]() PID: 30430 Rev 3.51 March 2006 AMD Athlon™ 64 Processor Power and Thermal Data Sheet 8 AMD Athlon™ 64 Processor 1 AMD Athlon™ 64 Processor The following sections contain thermal/power and related BIOS specifications for AMD Athlon™ 64 processors. Each column in the BIOS and thermal/power tables represents a specific Ordering Part Number (OPN). Section 1.1 provides an example of the OPN structure for this processor family. For all other electrical specifications for the processor, refer to the AMD Athlon™ 64 Product Data Sheet, order #24659. For power management BIOS requirements, refer to the BIOS and Kernel Developer’s Guide for AMD Athlon™ 64 Processors and AMD Opteron™ Processors, order #26094. 1.1 Ordering Part Number Description Figure 1. AMD Athlon™ 64 Processor Ordering Part Number Example Table 2: AMD Athlon™ 64 Processor Part Definition Options Part Definition Revision Package Drawing AP Rev C0 Lidded AR Rev CG Lidded AS Rev CG D1 AW Rev CG D1 AX Rev CG Lidded BI Rev D0 D1 BN Rev E4 D1 BP Rev E3 D2 BW Rev E6 D2 Part Definition: AP= Rev C0 (see Table 2) L2 Cache Size: 5= 1 Megabyte (see Table 3) Case Temperature: P= 70oC (see Table 4) Operating Voltage: E= 1.50 V (see Table 5) Package: A= 754 pin lidded O μPGA (see Table 6) Model Number: 3200: see Table 7 Brand: AMD Athlon™ 64 Desktop |