| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADA3200DEP3AR bảng dữ liệu(PDF) 49 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
ADA3200DEP3AR bảng dữ liệu(HTML) 49 Page - Advanced Micro Devices |
|
49 / 95 page ![]() PID: 30430 Rev 3.51 March 2006 AMD Athlon™ 64 Processor Power and Thermal Data Sheet 49 AMD Athlon™ 64 FX Processor 2 AMD Athlon™ 64 FX Processor The following sections contain thermal/power and related BIOS specifications for AMD Athlon™ 64 FX processors. Each column in the BIOS and thermal/power tables represents a specific Ordering Part Number (OPN). Section 2.1 provides an example of the OPN structure for this processor family. For all other electrical specifications for the processor, refer to the AMD Athlon™ 64 FX Product Data Sheet, order #30431. For power management BIOS requirements, refer to the BIOS and Kernel Developer’s Guide for AMD Athlon™ 64 Processors and AMD Opteron™ Processors, order #26094. 2.1 Ordering Part Number Description Figure 2. AMD Athlon™ 64 FX Processor Ordering Part Number Example Table 11: AMD Athlon™ 64 FX Processor Part Definition Options Part Definition Revision AK Rev C0 AS Rev CG AT Rev CG BN Rev E4 Part Definition: AK= Rev C0 (see Table 11) L2 Cache Size: 5= 1 Megabyte (see Table 12) Case Temperature: P= 70oC (see Table 13) Operating Voltage: E= 1.50 V (see Table 14) Package: C= 940 pin lidded C μPGA (see Table 15) Model Number: FX51: 2200 MHz (see Table 16) Brand: AMD Athlon™ 64 Desktop |