| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADA3200AIP3AP bảng dữ liệu(PDF) 58 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
ADA3200AIP3AP bảng dữ liệu(HTML) 58 Page - Advanced Micro Devices |
|
58 / 95 page ![]() PID: 30430 Rev 3.51 March 2006 AMD Athlon™ 64 Processor Power and Thermal Data Sheet 58 AMD Athlon™ 64 FX Processor The notes for this table appear on page 59. Parameter/OPN Notes Tcase Max 1, 13 Tcontrol Max 2 Tambient Thermal Resistance (case-amb) Thermal Profile 14 Max P-State VID_VDD 3 IDD Max Thermal Design Power 4 Intermediate P-State #1 11 VID_VDD 3 IDD Max Thermal Design Power 4 Intermediate P-State #2 11 VID_VDD 3 IDD Max Thermal Design Power 4 Intermediate P-State #3 11 VID_VDD 3 IDD Max Thermal Design Power 4 Intermediate P-State #4 11 VID_VDD 3 IDD Max Thermal Design Power 4 Intermediate P-State #5 11 VID_VDD 3 IDD Max Thermal Design Power 4 Intermediate P-State #6 11 VID_VDD 3 IDD Max Thermal Design Power 4 Min P-State VID_VDD 3 IDD Max Thermal Design Power 4 Halt/Stop Grant IDDC1 Max @ Max P-State 5 IDDC1 Max @ Min P-State 6 I/O Power 8, 12 S3 7 I/O Power 7, 9, 12 G N/A 1.100 V 34.8 A 7.1 A 42.2 W 35.7 A 1200 MHz 1.100 V N/A N/A N/A N/A ADAFX57DAA5BN 2800 MHz 104.0 W N/A ADAFX55DAA5BN N/A 104.0 W 74.9 A 2600 MHz 40°C G 70°C 0.22°C/W N/A N/A 0.22°C/W N/A 74.9 A N/A N/A 1200 MHz 43.4 W 36.8 A 34.8 A 7.1 A 500 mW 500 mW 2.9 W 2.9 W 70°C 40°C to 63°C 1.350 V 1.400 V 1.350 V 1.400 V 49°C to 63°C 49°C |