| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADA3200AIP3AP bảng dữ liệu(PDF) 54 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
ADA3200AIP3AP bảng dữ liệu(HTML) 54 Page - Advanced Micro Devices |
|
54 / 95 page ![]() PID: 30430 Rev 3.51 March 2006 AMD Athlon™ 64 Processor Power and Thermal Data Sheet 54 AMD Athlon™ 64 FX Processor The notes for this table appear on page 55. Parameter/OPN Notes M odel Number CPUID 8000_0001h EBX [11:6] (BrandID) 1 CPUID 8000_0001h EAX [31:0] (CPUID) 1 FID/VID Status M axFID Field 2 FID/VID Status StartFID Field 2 L2 Cache Size M ax HyperTransport Frequency Max P-S tate FID/VID Status M axVID Field 2, 6 FID/VID Status StartVID Field 2, 6 VID Code VID_VDD 3 Thermal Design Power 4 Intermediate P-S tate #1 5 VID Code / VID_VDD 3 Thermal Design Power 4 Intermediate P-S tate #2 5 VID Code / VID_VDD 3 Thermal Design Power 4 Intermediate P-S tate #3 5 VID Code / VID_VDD 3 Thermal Design Power 4 Intermediate P-S tate #4 5 VID Code / VID_VDD 3 Thermal Design Power 4 Intermediate P-S tate #5 5 VID Code / VID_VDD 3 Thermal Design Power 4 Intermediate P-S tate #6 5 VID Code / VID_VDD 3 Thermal Design Power 4 Min P-S tate VID Code / VID_VDD 3 Thermal Design Power 4 1.400 V 08h 06h 1.350 V 1.400 V 06h 04h 08h 06h N/A N/A N/A N/A 104.0 W N/A 42.2 W 43.4 W 1200 MHz 1200 M Hz 12h 1.100 V 12h 1.100 V N/A N/A N/A N/A N/A N/A 104.0 W 1000 Mhz 06h 04h 08h 06h 08h 06h 1.350 V 2Ah 14h 2Ah 2800 M Hz 12h 1 MB 1 M B 1000 M hz 00020F71h 00020F71h 24h FX55 24h FX57 ADAFX55DAA5BN ADAFX57DAA5BN 2600 MHz N/A |