công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AM29LV640ML112PCI bảng dữ liệu(PDF) 57 Page - Advanced Micro Devices

tên linh kiện AM29LV640ML112PCI
Giải thích chi tiết về linh kiện  64 Megabit (4 M x 16-Bit/8 M x 8-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMD [Advanced Micro Devices]
Trang chủ  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV640ML112PCI bảng dữ liệu(HTML) 57 Page - Advanced Micro Devices

Back Button AM29LV640ML112PCI Datasheet HTML 53Page - Advanced Micro Devices AM29LV640ML112PCI Datasheet HTML 54Page - Advanced Micro Devices AM29LV640ML112PCI Datasheet HTML 55Page - Advanced Micro Devices AM29LV640ML112PCI Datasheet HTML 56Page - Advanced Micro Devices AM29LV640ML112PCI Datasheet HTML 57Page - Advanced Micro Devices AM29LV640ML112PCI Datasheet HTML 58Page - Advanced Micro Devices AM29LV640ML112PCI Datasheet HTML 59Page - Advanced Micro Devices AM29LV640ML112PCI Datasheet HTML 60Page - Advanced Micro Devices AM29LV640ML112PCI Datasheet HTML 61Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 62 page
background image
December 14, 2005
Am29LV640MH/L
55
DA TA SH EET
AC Characteristics
Notes:
1. Figure indicates last two bus cycles of a program or erase operation.
2. PA = program address, SA = sector address, PD = program
data.
3. DQ7# is the complement of the data written to the device.
D
OUT is the data written to the device.
4. Illustration shows device in word mode.
Figure 25.
Alternate CE# Controlled Write (Erase/Program)
Operation Timings
tGHEL
tWS
OE#
CE#
WE#
RESET#
tDS
Data
tAH
Addresses
tDH
tCP
DQ7#,
DOUT
tWC
tAS
tCPH
PA
Data# Polling
A0 for program
55 for erase
tRH
tWHWH1 or 2
RY/BY#
tWH
PD for program
30 for sector erase
10 for chip erase
555 for program
2AA for erase
PA for program
SA for sector erase
555 for chip erase
tBUSY
DQ15
tPOLL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62