công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AM29LV640ML112PCI bảng dữ liệu(PDF) 43 Page - Advanced Micro Devices

tên linh kiện AM29LV640ML112PCI
Giải thích chi tiết về linh kiện  64 Megabit (4 M x 16-Bit/8 M x 8-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMD [Advanced Micro Devices]
Trang chủ  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV640ML112PCI bảng dữ liệu(HTML) 43 Page - Advanced Micro Devices

Back Button AM29LV640ML112PCI Datasheet HTML 39Page - Advanced Micro Devices AM29LV640ML112PCI Datasheet HTML 40Page - Advanced Micro Devices AM29LV640ML112PCI Datasheet HTML 41Page - Advanced Micro Devices AM29LV640ML112PCI Datasheet HTML 42Page - Advanced Micro Devices AM29LV640ML112PCI Datasheet HTML 43Page - Advanced Micro Devices AM29LV640ML112PCI Datasheet HTML 44Page - Advanced Micro Devices AM29LV640ML112PCI Datasheet HTML 45Page - Advanced Micro Devices AM29LV640ML112PCI Datasheet HTML 46Page - Advanced Micro Devices AM29LV640ML112PCI Datasheet HTML 47Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 62 page
background image
December 14, 2005
Am29LV640MH/L
41
DA TA SH EET
ABSOLUTE MAXIMUM RATINGS
Storage Temperature, Plastic Packages . . . . . . . . . . . . . . . . . . . –65
°C to +150°C
Ambient Temperature with Power Applied . . . . . . . . . . . . . . . . . . –65
°C to +125°C
Voltage with Respect to Ground
V
CC (Note 1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .–0.5 V to +4.0 V
VIO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .–0.5 V to +4.0 V
A9, OE#, ACC, and RESET# (Note 2) . . . . . . . . . . . . . .–0.5 V to +12.5 V
All other pins (Note 1) . . . . . . . . . . . . . . . . . . . . . . . . –0.5 V to V
CC +0.5 V
Output Short Circuit Current (Note 3) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 200 mA
Notes:
1. Minimum DC voltage on input or I/O pins is –0.5 V. During voltage transitions,
input or I/O pins may overshoot VSS to –2.0 V for periods of up to 20 ns. Maximum
DC voltage on input or I/O pins is VCC +0.5 V. See Figure 10. During voltage
transitions, input or I/O pins may overshoot to VCC +2.0 V for periods up to 20 ns.
See Figure 11.
2. Minimum DC input voltage on pins A9, OE#, ACC, and RESET# is –0.5 V. During
voltage transitions, A9, OE#, ACC, and RESET# may overshoot VSS to –2.0 V for
periods of up to 20 ns. See Figure 10. Maximum DC input voltage on pin A9, OE#,
ACC, and RESET# is +12.5 V which may overshoot to +14.0 V for periods up to
20 ns.
3. No more than one output may be shorted to ground at a time. Duration of the short
circuit should not be greater than one second.
Stresses above those listed under “Absolute Maximum Ratings” may cause permanent
damage to the device. This is a stress rating only; functional operation of the device
at these or any other conditions above those indicated in the operational sections of
this data sheet is not implied. Exposure of the device to absolute maximum rating con-
ditions for extended periods may affect device reliability.
OPERATING RANGES
Industrial (I) Devices
Ambient Temperature (T
A) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –40°C to +85°C
Supply Voltages
V
CC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.7–3.6 V
V
IO (Note 2) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.65–3.6 V
Notes:
1. Operating ranges define those limits between which the functionality of the device
is guaranteed.
2. See Ordering Information section for valid VCC/VIO range combinations. The I/Os
will not operate at 3 V when VIO = 1.8 V.
Figure 10.
Maximum Negative
Overshoot Waveform
Figure 11.
Maximum Positive
Overshoot Waveform
20 ns
20 ns
+0.8 V
–0.5 V
20 ns
–2.0 V
20 ns
20 ns
V
CC
+2.0 V
V
CC
+0.5 V
20 ns
2.0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com