công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

L320DT90VC bảng dữ liệu(PDF) 55 Page - Advanced Micro Devices

tên linh kiện L320DT90VC
Giải thích chi tiết về linh kiện  32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMD [Advanced Micro Devices]
Trang chủ  http://www.amd.com
Logo AMD - Advanced Micro Devices

L320DT90VC bảng dữ liệu(HTML) 55 Page - Advanced Micro Devices

Back Button L320DT90VC Datasheet HTML 49Page - Advanced Micro Devices L320DT90VC Datasheet HTML 50Page - Advanced Micro Devices L320DT90VC Datasheet HTML 51Page - Advanced Micro Devices L320DT90VC Datasheet HTML 52Page - Advanced Micro Devices L320DT90VC Datasheet HTML 53Page - Advanced Micro Devices L320DT90VC Datasheet HTML 54Page - Advanced Micro Devices L320DT90VC Datasheet HTML 55Page - Advanced Micro Devices L320DT90VC Datasheet HTML 56Page - Advanced Micro Devices L320DT90VC Datasheet HTML 57Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 55 / 57 page
background image
December 14, 2005
Am29LV320D
53
DA TA SH EET
REVISION SUMMARY
Revision A (November 1, 2000)
Initial release.
Revision A+1 (January 23, 2001)
Ordering Information
Corrected FBGA part number table to include bottom
boot part numbers.
Revision A+2 (February 1, 2001)
Connection Diagrams
Corrected FBGA ball matrix.
Revision A+3 (July 2, 2001)
Global
Changed data sheet status from Advance Information
to Preliminary.
Table 3, Top Boot Secured Silicon Sector
Addresses
Corrected sector block size for SA60–SA62 to 3x64.
Sector/Sector Block Protection and Unprotection
Noted that sectors are erased in parallel.
Secured Silicon Sector Flash Memory Region
Noted changes for upcoming versions of these de-
vices: reduced Secured Silicons ector size, different
ESN location for top boot devices, and deletion of Se-
cured Silicon erase functionality. Current versions of
these devices remain unaffected.
Revision B (July 12, 2002)
Global
Deleted Preliminary status from document.
Ordering Information
Deleted burn-in option.
Table 1, Am29LV320D Device Bus Operations
In the legend, corrected VHH maximum voltage to 12.5
V.
Secured Silicon Sector Flash Memory Region
Added description of Secured Silicon protection verifi-
cation.
Autoselect Command Sequence
Clarified description of function.
Table 14, Am29LV320D Command Definitions
Corrected autoselect codes for Secured Silicon Fac-
tory Protect.
Erase and Program Operations table
Corrected to indicate tBUSY specification is a maximum
value.
Revision B+1 (July 30, 2002)
Figure 3, Secured Silicon Sector Protect Verify
Deleted fifth block in flowchart and modified text in
fourth block.
Revision C (October 25, 2002)
Distinctive Characteristics
Changed endurance from “write” to “erase” cycles.
Connection Diagrams
Deleted ultrasonic reference and added package
types to special package handling text.
Ordering Information
Added commercial temperature range and removed
extended temperature range.
Secured Silicon Flash Memory Region
Customer Lockable subsection: Deleted reference to
alternate method of sector protection.
Command Definitions
Noted the following:
Autoselect, Secured Silicon, and CFI functions are not
available during a program or erase operation.
ACC and unlock bypass modes are not available when
the Secured Silicon Sector is enabled.
Writing incorrect data or commands may place the de-
vice in an unknown state. A reset command is then re-
quired.
AC Characteristics
Read-only Operations; Word/Byte Configuration:
Changed t
DF and tFLQZ to 16 ns for all speed options.
DC Characteristics
Deleted I
ACC and added ILR specifications from table.
TSOP, SO, and BGA Package Capacitance
Added BGA capacitance to table.
Revision C+1 (February 16, 2003)
Distinctive Characteristics
Added reference to MirrorBit in Secured Silicon sec-
tion.
Added Sector Architecture section.
Secured Silicon Flash Memory Region
Referenced MirrorBit for an example in last sentence
of first paragraph.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com