công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

L320DT90VC bảng dữ liệu(PDF) 18 Page - Advanced Micro Devices

tên linh kiện L320DT90VC
Giải thích chi tiết về linh kiện  32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMD [Advanced Micro Devices]
Trang chủ  http://www.amd.com
Logo AMD - Advanced Micro Devices

L320DT90VC bảng dữ liệu(HTML) 18 Page - Advanced Micro Devices

Back Button L320DT90VC Datasheet HTML 14Page - Advanced Micro Devices L320DT90VC Datasheet HTML 15Page - Advanced Micro Devices L320DT90VC Datasheet HTML 16Page - Advanced Micro Devices L320DT90VC Datasheet HTML 17Page - Advanced Micro Devices L320DT90VC Datasheet HTML 18Page - Advanced Micro Devices L320DT90VC Datasheet HTML 19Page - Advanced Micro Devices L320DT90VC Datasheet HTML 20Page - Advanced Micro Devices L320DT90VC Datasheet HTML 21Page - Advanced Micro Devices L320DT90VC Datasheet HTML 22Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 57 page
background image
16
Am29LV320D
December 14, 2005
DA TA SH EET
Autoselect Mode
The autoselect mode provides manufacturer and de-
vice identification, and sector protection verification,
through identifier codes output on DQ7–DQ0. This
mode is primarily intended for programming equip-
ment to automatically match a device to be pro-
grammed with its corresponding programming
algorithm. However, the autoselect codes can also be
accessed in-system through the command register.
When using programming equipment, the autoselect
mode requires V
ID (11.5 V to 12.5 V) on address pin
A9. Address pins A6, A1, and A0 must be as shown in
Table 6 on page 16. In addition, when verifying sector
protection, the sector address must appear on the ap-
propriate highest order address bits (see Table 2 on
page 13 through Table 5 on page 15). Table 6 on
page 16 shows the remaining address bits that are
don’t care. When all necessary bits are set as re-
quired, the programming equipment may then read the
corresponding identifier code on DQ7–DQ0.
To access the autoselect codes in-system, the host
system can issue the autoselect command via the
command register, as shown in Table 14 on page 29.
This method does not require V
ID. Refer to the “Au-
toselect Command Sequence” on page 25 section for
more information.
Table 6.
Autoselect Codes (High Voltage Method)
Legend: T = Top Boot Block, B = Bottom Boot Block, L = Logic Low = V
IL, H = Logic High = VIH, SA = Sector Address, X = Don’t
care.
Description
CE#
OE#
WE#
A20
to
A12
A11
to
A10
A9
A8
to
A7
A6
A5
to
A2
A1
A0
DQ8 to DQ15
DQ7
to
DQ0
BYTE#=
V
IH
BYTE#
= V
IL
Manufacturer ID: AMD
L
L
H
X
X
V
ID
XLXL
L
X
X
01h
Device ID: Am29LV320D
L
L
H
X
X
V
ID
X
L
X
L
H
22h
X
F6 (T), F9h (B)
Sector Protection Verification
L
L
H
SA
X
V
ID
XLX
H
L
X
X
01h (protected),
00h (unprotected)
Secured Silicon Sector
Indicator Bit (DQ7)
LL
H
X
X
V
ID
XLX
H
H
X
X
99h (factory locked),
19h (not factory locked)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com