công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M41000002U bảng dữ liệu(PDF) 14 Page - Advanced Micro Devices

tên linh kiện M41000002U
Giải thích chi tiết về linh kiện  32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory and 8 Mbit (1 M x 8-Bit/512 K x 16-Bit) Static RAM
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMD [Advanced Micro Devices]
Trang chủ  http://www.amd.com
Logo AMD - Advanced Micro Devices

M41000002U bảng dữ liệu(HTML) 14 Page - Advanced Micro Devices

Back Button M41000002U Datasheet HTML 10Page - Advanced Micro Devices M41000002U Datasheet HTML 11Page - Advanced Micro Devices M41000002U Datasheet HTML 12Page - Advanced Micro Devices M41000002U Datasheet HTML 13Page - Advanced Micro Devices M41000002U Datasheet HTML 14Page - Advanced Micro Devices M41000002U Datasheet HTML 15Page - Advanced Micro Devices M41000002U Datasheet HTML 16Page - Advanced Micro Devices M41000002U Datasheet HTML 17Page - Advanced Micro Devices M41000002U Datasheet HTML 18Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 66 page
background image
September 5, 2002
Am41DL32x8G
13
PR ELI M I NARY
Table 3.
Device Bus Operations—Flash Byte Mode, CIOf = V
SS; SRAM Word Mode, CIOs = VCC
Legend: L = Logic Low = V
IL, H = Logic High = VIH, VID = 11.5–12.5 V, VHH = 9.0 ± 0.5 V, X = Don’t Care, SA = SRAM Address
Input, Byte Mode, SADD = Flash Sector Address, A
IN = Address In (for Flash Byte Mode, DQ15 = A-1), DIN = Data In, DOUT =
Data Out
Notes:
1. Other operations except for those indicated in this column are inhibited.
2. Do not apply CE#f = V
IL, CE1#s = VIL and CE2s = VIH at the same time.
3. Don’t care or open LB#s or UB#s.
4. If WP#/ACC = VIL, the boot sectors will be protected. If WP#/ACC = VIH the boot sectors protection will be removed.
If WP#/ACC = VACC (9V), the program time will be reduced by 40%.
5. The sector protect and sector unprotect functions may also be implemented via programming equipment. See the “Sector/Sector
Block Protection and Unprotection” section.
6. If WP#/ACC = VIL, the two outermost boot sectors remain protected. If WP#/ACC = VIH, the two outermost boot sector protection
depends on whether they were last protected or unprotected using the method described in “Sector/Sector Block Protection and
Unprotection”. If WP#/ACC = V
HH, all sectors will be unprotected.
Operation
(Notes 1, 2)
CE#f CE1#s CE2s OE# WE# SA
Addr.
LB#s
(Note 3)
UB#s
(Note 3)
RESET#
WP#/ACC
(Note 4)
DQ7–
DQ0
DQ15–
DQ8
Read from Flash
L
HX
LH
X
A
IN
XXH
L/H
D
OUT
High-Z
XL
Write to Flash
L
HX
HL
X
A
IN
XXH
(Note 3)
D
IN
High-Z
XL
Standby
VCC ±
0.3 V
HX
XXX
X
X
X
VCC ±
0.3 V
H
High-Z
High-Z
XL
Output Disable
L
L
H
H
H
X
X
LX
H
L/H
High-Z
High-Z
XL
Flash Hardware
Reset
X
HX
X
X
X
X
X
X
L
L/H
High-Z
High-Z
XL
Sector Protect
(Note 5)
L
HX
HL
X
SADD,
A6 = L,
A1 = H,
A0 = L
XX
V
ID
L/H
D
IN
X
XL
Sector
Unprotect
(Note 5)
L
HX
HL
X
SADD,
A6 = L,
A1 = H,
A0 = L
XX
V
ID
(Note 6)
D
IN
X
XL
Temporary
Sector
Unprotect
X
Hx
XXX
A
IN
XX
V
ID
(Note 6)
D
IN
High-Z
XL
Read from
SRAM
HL
H
L
H
X
A
IN
LL
HX
DOUT
DOUT
H
L
High-Z
D
OUT
LH
D
OUT
High-Z
Write to SRAM
H
L
H
X
L
X
A
IN
LL
HX
DIN
DIN
H
L
High-Z
D
IN
LH
D
IN
High-Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com