công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M41000002U bảng dữ liệu(PDF) 62 Page - Advanced Micro Devices

tên linh kiện M41000002U
Giải thích chi tiết về linh kiện  32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory and 8 Mbit (1 M x 8-Bit/512 K x 16-Bit) Static RAM
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMD [Advanced Micro Devices]
Trang chủ  http://www.amd.com
Logo AMD - Advanced Micro Devices

M41000002U bảng dữ liệu(HTML) 62 Page - Advanced Micro Devices

Back Button M41000002U Datasheet HTML 58Page - Advanced Micro Devices M41000002U Datasheet HTML 59Page - Advanced Micro Devices M41000002U Datasheet HTML 60Page - Advanced Micro Devices M41000002U Datasheet HTML 61Page - Advanced Micro Devices M41000002U Datasheet HTML 62Page - Advanced Micro Devices M41000002U Datasheet HTML 63Page - Advanced Micro Devices M41000002U Datasheet HTML 64Page - Advanced Micro Devices M41000002U Datasheet HTML 65Page - Advanced Micro Devices M41000002U Datasheet HTML 66Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 62 / 66 page
background image
September 5, 2002
Am41DL32x8G
61
PR ELI M I NARY
Flash Erase And Programming Performance
Notes:
1. Typical program and erase times assume the following conditions: 25
°C, 3.0 V V
CC, 1,000,000 cycles. Additionally,
programming typicals assume checkerboard pattern.
2. Under worst case conditions of 90
°C, V
CC = 2.7 V, 1,000,000 cycles.
3. The typical chip programming time is considerably less than the maximum chip programming time listed, since most bytes
program faster than the maximum program times listed.
4. In the pre-programming step of the Embedded Erase algorithm, all bytes are programmed to 00h before erasure.
5. System-level overhead is the time required to execute the two- or four-bus-cycle sequence for the program command. See Tables
16 and 18 for further information on command definitions.
6. The device has a minimum erase and program cycle endurance of 1,000,000 cycles.
FLASH LATCHUP CHARACTERISTICS
Note: Includes all pins except V
CC. Test conditions: VCC = 3.0 V, one pin at a time.
PACKAGE PIN CAPACITANCE
Note: 7.Test conditions TA = 25°C, f = 1.0 MHz.
FLASH DATA RETENTION
Parameter
Typ (Note 1)
Max (Note 2)
Unit
Comments
Sector Erase Time
0.4
5
sec
Excludes 00h programming
prior to erasure (Note 4)
Chip Erase Time
28
sec
Byte Program Time
5
150
µs
Excludes system level
overhead (Note 5)
Word Program Time
7
210
µs
Accelerated Byte/Word Program Time
4
120
µs
Chip Program Time
(Note 3)
Byte Mode
21
63
sec
Word Mode
14
42
Description
Min
Max
Input voltage with respect to VSS on all pins except I/O pins
(including OE#, and RESET#)
–1.0 V
12.5 V
Input voltage with respect to V
SS on all I/O pins
–1.0 V
V
CC + 1.0 V
V
CC Current
–100 mA
+100 mA
Parameter
Symbol
Description
Test Setup
Typ
Max
Unit
CIN
Input Capacitance
VIN = 0
11
14
pF
C
OUT
Output Capacitance
V
OUT = 0
12
16
pF
CIN2
Control Pin Capacitance
VIN = 0
14
16
pF
C
IN3
WP#/ACC Pin Capacitance
V
IN = 0
17
20
pF
Parameter Description
Test Conditions
Min
Unit
Minimum Pattern Data Retention Time
150
°C10
Years
125
°C20
Years



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com