công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M41000002M bảng dữ liệu(PDF) 54 Page - Advanced Micro Devices

tên linh kiện M41000002M
Giải thích chi tiết về linh kiện  32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory and 8 Mbit (1 M x 8-Bit/512 K x 16-Bit) Static RAM
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMD [Advanced Micro Devices]
Trang chủ  http://www.amd.com
Logo AMD - Advanced Micro Devices

M41000002M bảng dữ liệu(HTML) 54 Page - Advanced Micro Devices

Back Button M41000002M Datasheet HTML 50Page - Advanced Micro Devices M41000002M Datasheet HTML 51Page - Advanced Micro Devices M41000002M Datasheet HTML 52Page - Advanced Micro Devices M41000002M Datasheet HTML 53Page - Advanced Micro Devices M41000002M Datasheet HTML 54Page - Advanced Micro Devices M41000002M Datasheet HTML 55Page - Advanced Micro Devices M41000002M Datasheet HTML 56Page - Advanced Micro Devices M41000002M Datasheet HTML 57Page - Advanced Micro Devices M41000002M Datasheet HTML 58Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 66 page
background image
September 5, 2002
Am41DL32x8G
53
PR ELI M I NARY
AC CHARACTERISTICS
Sector/Sector Block Protect: 150 µs,
Sector/Sector Block Unprotect: 15 ms
1 µs
RESET#
SADD, A6,
A1, A0
Data
CE#f
WE#
OE#
60h
60h
40h
Valid*
Valid*
Valid*
Status
Sector/Sector Block Protect or Unprotect
Verify
VID
VIH
* For sector protect, A6 = 0, A1 = 1, A0 = 0. For sector unprotect, A6 = 1, A1 = 1, A0 = 0.
Figure 26.
Sector/Sector Block Protect and Unprotect
Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66