công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

5KP24AS bảng dữ liệu(PDF) 1 Page - UN Semiconducctor INC

tên linh kiện 5KP24AS
Giải thích chi tiết về linh kiện  Axial Lead Transient Voltage Suppressors 10 To 60V 6000W
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  UNSEMI [UN Semiconducctor INC]
Trang chủ  http://www.unsemi.com.tw
Logo UNSEMI - UN Semiconducctor INC

5KP24AS bảng dữ liệu(HTML) 1 Page - UN Semiconducctor INC

  5KP24AS Datasheet HTML 1Page - UN Semiconducctor INC 5KP24AS Datasheet HTML 2Page - UN Semiconducctor INC 5KP24AS Datasheet HTML 3Page - UN Semiconducctor INC 5KP24AS Datasheet HTML 4Page - UN Semiconducctor INC 5KP24AS Datasheet HTML 5Page - UN Semiconducctor INC 5KP24AS Datasheet HTML 6Page - UN Semiconducctor INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
The 5KPS series of high current uni/bi-directional transient
suppressors are designed for A.C. line protection and high power
DC bus clamping applications. These devices offer uni/bi-directional
port protection from 10 volts to 60 volts. They provide a clamping
voltage lower than the avalanche voltage.Therefore, any voltage
rise due to increased current conduction is contained to a minimum,
providing the best possible protection level. They can also be
connected in series and/or parallel to create very high capacity
protection solutions.
5KPS Series
Maximum Ratings and Thermal Characteristics(TA=25°C unless otherwise noted)
Features
Description
Applications
ROHS
Revision March 1,2022
Axial Lead Transient Voltage Suppressors
www.unsemi.com.tw
www.unsemi.com.tw
For technical questions, contact: tech@unsemi.com.tw
Specifications are subject to change without notice.
Please refer to www.unsemi.com.tw for current information.
1/5
JEDEC R-6/P-600 Molded Plastic .
Glass passivated chip junction in R-6/P600 package .
6000 W peak pulse power capability with a 10/1000 us
waveform, repetitive rate (duty cycle):0.01 % .
Low leakage .
Excellent clamping capability .
Very fast response time: typically less than 1.0ps from 0V to VBR min.
Plastic package has Underwriters Laboratory Flammability 94V-0 .
Halogen free and RoHS compliant .
Meet with ISO 7637-2,ISO 16750,etc .
High reliability application and automotive grade AEC Q101 qualifhed.
Use in sensitive electronics protection against voltage transients
induced by inductive load switching and lighting, especially for
automotive load dump protection application.
Uni-directional
Bi-directional
Functional Diagram
Cathode
Bi-directional
Anode
Uni-direction
Parameter
Symbol
Value
Unit
Peak power dissipation with a 10/1000us waveform
Power Dissipation on Infinite Heat Sink at TL=75°C
Peak pulse current with a 10/1000us waveform
Junction and storage temperature range
Operating temperature range
Peak forward surge current, 8.3ms single half sine-wave
PPPM
PD
IPP
TJ, TSTG
TOP
IFSM
6000
8.0
See Next Table
- 55 to +175
- 55 to +150
500
W
W
A
°C
°C
A
10 To 60V 6000W


Số phần tương tự - 5KP24AS

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Surge Components
5KP24A SURGE-5KP24A Datasheet
199Kb / 4P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 to 110 Volts???
logo
Transys Electronics
5KP24A TRSYS-5KP24A Datasheet
252Kb / 6P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Won-Top Electronics
5KP24A WTE-5KP24A Datasheet
58Kb / 5P
5000W TRANSIENT VOLTAGE SUPPRESSORS
logo
Rectron Semiconductor
5KP24A RECTRON-5KP24A Datasheet
970Kb / 4P
GPP TRANSIENT VOLTAGE SUPPRESSOR
logo
Dc Components
5KP24A DCCOM-5KP24A Datasheet
1Mb / 4P
TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPRESSOR
More results

Mô tả tương tự - 5KP24AS

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Socay Electornics Co., ...
30KPA28A SOCAY-30KPA28A Datasheet
451Kb / 5P
Axial Lead Transient Voltage Suppressors
logo
Anova Technologies CO.,...
1.5KE ANOVA-1.5KE Datasheet
269Kb / 4P
Axial Lead Transient Voltage Suppressors
3KP ANOVA-3KP Datasheet
393Kb / 4P
Axial Lead Transient Voltage Suppressors
30KPA ANOVA-30KPA Datasheet
249Kb / 3P
Axial Lead Transient Voltage Suppressors
P4KE ANOVA-P4KE Datasheet
352Kb / 4P
Axial Lead Transient Voltage Suppressors
P6KE ANOVA-P6KE Datasheet
267Kb / 4P
Axial Lead Transient Voltage Suppressors
SA5.0 ANOVA-SA5.0 Datasheet
354Kb / 4P
Axial Lead Transient Voltage Suppressors
logo
Shenzhen Luguang Electr...
15KPA LUGUANG-15KPA Datasheet
874Kb / 3P
Axial Lead Transient Voltage Suppressors
30KPA LUGUANG-30KPA Datasheet
861Kb / 3P
Axial Lead Transient Voltage Suppressors
12KPA LUGUANG-12KPA Datasheet
816Kb / 3P
Axial Lead Transient Voltage Suppressors
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com