công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

5KP24AS bảng dữ liệu(PDF) 6 Page - UN Semiconducctor INC

tên linh kiện 5KP24AS
Giải thích chi tiết về linh kiện  Axial Lead Transient Voltage Suppressors 10 To 60V 6000W
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  UNSEMI [UN Semiconducctor INC]
Trang chủ  http://www.unsemi.com.tw
Logo UNSEMI - UN Semiconducctor INC

5KP24AS bảng dữ liệu(HTML) 6 Page - UN Semiconducctor INC

  5KP24AS Datasheet HTML 1Page - UN Semiconducctor INC 5KP24AS Datasheet HTML 2Page - UN Semiconducctor INC 5KP24AS Datasheet HTML 3Page - UN Semiconducctor INC 5KP24AS Datasheet HTML 4Page - UN Semiconducctor INC 5KP24AS Datasheet HTML 5Page - UN Semiconducctor INC 5KP24AS Datasheet HTML 6Page - UN Semiconducctor INC  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Revision March 1,2022
www.unsemi.com.tw
For technical questions, contact: tech@unsemi.com.tw
ROHS
Specifications are subject to change without notice.
Please refer to www.unsemi.com.tw for current information.
Disclaimer
ROHS
UNSEMI RESERVES THE RIGHT TO MAKE CHANGE ON OUR PRODUTS , PRODUCTS SPECIFICATION
AND DATA WITHOUT NOTICE TO IMPROVE RELIABILITY, FUNCTION OR DESIGN OR OTHERWISE.
UN SEMICONDUCTOR LIMITED its affiliates, agents, and employees, and all persons acting on its or their
behalf (collectively, “UNSEMI”)does not give any representations or warranties for any errors, inaccuracies or
incompleteness contained in any datasheet or in any other disclosure relating to any product.
In no event shall UNSEMI be liable for any indirect, incidental, punitive, special or consequential damages
(including any and all implied warranties, warranties of fitness for particular purpose, non-infringement and
merchantability.) whether or not such damages are based on tort (including negligence), warranty, breach of
contract or any other legal theory.
Statements regarding the suitability of products for certain types of applications are based on UNSEMI
knowledge of typical requirements that are often placed on UNSEMI products in generic applications. Such
statements are not binding, statements about the suitability of products for a particular application. It is the
customer's responsibility to validate that a particular product with the properties described in the product
specification is suitable for use in a particular application. Parameters provided in datasheets or specifications
may vary in different applications and performance may vary over time. All operating parameters, including typical
parameters, must be validated for each customer application by the customer's technical experts. Product
specifications do not expand or otherwise modify UNSEMI's terms and conditions of purchase, including but not
limited to the warranty expressed therein.
Unless otherwise agreed in writing, UNSEMI product is not designed, authorized or warranted to be suitable for
use in medical life-saving, or life-sustaining application , nor in applications where failure or malfunction of a
UNSEMI product can reasonably be expected to result in personal injury, death or severe property or environmental
damage. UNSEMI and its suppliers accept no liability for inclusion or use of UNSEMI products in such equipment or
applications and therefore such inclusion and/or use is at the customer's own risk.
All referenced brands, product names, service names and trademarks are the property of their respective owners.



Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com