| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
9621 bảng dữ liệu(PDF) 49 Page - Knowles Electronics |
|
|
|||||||||||||||||||||||||||||
9621 bảng dữ liệu(HTML) 49 Page - Knowles Electronics |
|
49 / 60 page ![]() www.knowlescapacitors.com 47 Tuning Screw Torque Bushings METAL (Fig.1) Part No. A B C D E F Thread Mounting hole (dia.) LB1020-1 .145 .1247 .112 .030 .035 .130 #0(.060) -80 .1240/.1242 LB1021-1 .175 .1552 .140 .030 .035 .150 #2(.086) -56 1545/1547 LB1020-2 - .1552 .140 - .035 .130 #2(.086) -56 1545/1547 LB1022-1 .300 .2697 .250 .035 .090 .300 #4(.112) -40 .2690/.2692 LB1023-1 .330 .2997 .280 .035 .100 .335 #6(.138) -32 .2690/.2692 LB1023-2 - .2997 .280 - .100 .300 #6(.138) -32 .2690/.2692 LB1024-1 .380 .3497 .330 .035 .100 .335 #10(.190) -32 .3490/3492 LB1025-1 .440 .4097 .390 .035 .100 .335 ¼(.250) -28 .4090/4092 LB1025-2 - .4097 .390 - .100 .300 ¼(.250) -28 .4090/4092 LB1026-1 .350 .3197 .300 .035 .100 .335 #8(.164) -32 .3190/3192 Posi-torque Bushings are precision devices designed for applications requiring precision, low loss high resolution tuning. The self-locking, constant torque drive mechanism eliminates the need for locking nuts and assures stable, noise free adjustment in RF to Microwave frequencies. Posi-Torque Bushings are universal and can be used with standard SI and US customary screws. THREAD 20º REF Ø C Ø A Ø B +.0005 -.0000 +.000 -.015 E D SEE MOUNTING HOLE DIA. F |