| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
9621 bảng dữ liệu(PDF) 46 Page - Knowles Electronics |
|
|
|||||||||||||||||||||||||||||
9621 bảng dữ liệu(HTML) 46 Page - Knowles Electronics |
|
46 / 60 page ![]() www.knowlescapacitors.com 44 Microwave Tuning Elements Description Variable reactance for microwave circuits Available with mounting bushing and/or individual tuning rotor High resolution tuning Exceeds MIL-PRF-14409 vibration requirements Features Self-locking torque mechanism, no lock nuts required Gold and chromate finish Available in metallic, dielectric and resistive versions Applications Combine applications Interdigital applications Impedance transformers Impatt and Gunn oscillators Microstrip and stripline circuits Attenuators Coaxial structures Waveguide circuitry Contact factory for “Microwave Product Application Guide” brochure. Johanson Microwave Tuning Elements with the self-locking, constant torque drive mechanism, require no external locking devices and permit “one hand” tuning with virtually no dynamic tuning noise which could otherwise imperil associated solid state devices under “power on” conditions. This self-locking feature and high tuning resolutions assure unparalleled control over the most critical of complex circuit tuning adjustments. In many instances, the use of Johanson Tuning Elements has halved technical tuning time. Recommended Tuning Tools Tuning Element Diameter Johanson Part Number Microwave Type .130 8777 Microwave Type .130 8764 JMC 8777 JMC 8764 Note: The use of a Johanson tuning tool is recommended, improper screw driver size will cause internal thread damage. Tap Part No. Thread (UNS-2) Recommended Tap Drill 7054 .086-56 #51 (.067) 7059 .156-64 9/64 (.1406) 7060 .120-80 #36 (.1065) 7061 .190-64 #17 (.173) 7062 .234-64 7/32 (.2187) 7063 .250-64 15/64 (.2344) 7064 .094-80 #45 (.082) |