| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LAN91C96IQFP bảng dữ liệu(PDF) 65 Page - SMSC Corporation |
|
|
|||||||||||||||||||||||||||||
LAN91C96IQFP bảng dữ liệu(HTML) 65 Page - SMSC Corporation |
|
65 / 109 page ![]() Non-PCI Single-Chip Full Duplex Ethernet Controller SMSC DS – LAN91C96I Page 65 Rev. 03-28-07 DATASHEET TX Interrupt With AUTO_RELEASE = FALSE 1. Save the Packet Number Register Saved_PNR = Read Byte (Bank 2, Offset 2) 2. Read the EPH Status Register Temp = Read (Bank 0, Offset 2) 3. Acknowledge TX Interrupt Write Byte (0x02, (Bank 2, Offset C)); 4. Check for Status of Transmission If ( Temp AND 0x0001) { //If Successful Transmission Step 4.1.1: Issue MMU Release (Release Specific Packet) Write (0x00A0, (Bank2, Offset 0)); Step 4.1.2: Return from the routine } else { //Transmission has FAILED // Now we can either release or re-enqueue the packet Step 4.2.1: Get the packet to release/re-enqueue, stored in FIFO Temp = Read (Bank 2, Offset 4) Temp = Temp & 0x003F Step 4.2.2: Write to the PNR Write (Temp, (Bank2, Offset 2)) Step 4.2.3 // Option 1: Release the packet Write (0x00A0, (Bank2, Offset 0)); //Option 2: Re-Enqueue the packet Write (0x00C0, (Bank2, Offset 0)); Step 4.2.4: Re-Enable Transmission Temp = Read(Bank0, Offset 0); Temp = Temp2 OR 0x0001 Write (Temp2, (Bank 0, Offset 0)); Step 4.2.5: Return from the routine } 5. Restore the Packet Number Register Write Byte (Saved_PNR, (Bank 2, Offset 2)) Figure 8.3 – TX INTR |