| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LAN91C95 bảng dữ liệu(PDF) 21 Page - SMSC Corporation |
|
|
|||||||||||||||||||||||||||||
LAN91C95 bảng dữ liệu(HTML) 21 Page - SMSC Corporation |
|
21 / 144 page ![]() 21 Table 2 - Bus Transactions In PCMCIA Mode A0 nCE1 nCE2 D0-D7 D8-D15 8 BIT MODE ((IOis8=1) + (nEN16=1).(16BIT=0)) 0 0 X even byte - 1 0 X odd byte - X 1 X NO CYCLE 16 BIT MODE 0 0 0 even byte odd byte otherwise 0 0 1 even byte - 1 0 1 odd byte X 1 0 - odd byte X 1 1 NO CYCLE 16BIT = CONFIGURATION REGISTER bit 7 IOis8 = ECSR register bit 5 nEN16 = pin nEN16 For the modem function, the transactions are similarxcept that the modem is assumed to be 8 bit wide unless (IOis8=0) and (nMIS16=0). Note: The IOis8 value should be identical in MCSR and ECSR if both functions are enabled. 8 Bit mode = (IOis8=1)+(nMIS16=1) |