| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LM324ADE4 bảng dữ liệu(PDF) 32 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LM324ADE4 bảng dữ liệu(HTML) 32 Page - Texas Instruments |
|
32 / 55 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 2-Dec-2023 Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead finish/ Ball material (6) MSL Peak Temp (3) Op Temp (°C) Device Marking (4/5) Samples LM2902KVQPWR ACTIVE TSSOP PW 14 2000 RoHS & Green NIPDAU Level-1-260C-UNLIM -40 to 125 L2902KV Samples LM2902KVQPWRG4 LIFEBUY TSSOP PW 14 2000 RoHS & Green NIPDAU Level-1-260C-UNLIM -40 to 125 L2902KV LM2902N ACTIVE PDIP N 14 25 RoHS & Green NIPDAU | SN N / A for Pkg Type -40 to 125 LM2902N Samples LM2902NE4 LIFEBUY PDIP N 14 25 RoHS & Green NIPDAU N / A for Pkg Type -40 to 125 LM2902N LM2902NSR LIFEBUY SO NS 14 2000 RoHS & Green NIPDAU Level-1-260C-UNLIM -40 to 125 LM2902 LM2902PW LIFEBUY TSSOP PW 14 90 RoHS & Green NIPDAU Level-1-260C-UNLIM -40 to 125 L2902 LM2902PWR ACTIVE TSSOP PW 14 2000 RoHS & Green NIPDAU | SN Level-1-260C-UNLIM -40 to 125 L2902 Samples LM2902PWRE4 LIFEBUY TSSOP PW 14 2000 RoHS & Green NIPDAU Level-1-260C-UNLIM -40 to 125 L2902 LM2902PWRG3 LIFEBUY TSSOP PW 14 2000 RoHS & Green SN Level-1-260C-UNLIM -40 to 125 L2902 LM2902PWRG4 LIFEBUY TSSOP PW 14 2000 RoHS & Green NIPDAU Level-1-260C-UNLIM -40 to 125 L2902 LM324AD LIFEBUY SOIC D 14 50 RoHS & Green NIPDAU Level-1-260C-UNLIM 0 to 70 LM324A LM324ADBR LIFEBUY SSOP DB 14 2000 RoHS & Green NIPDAU Level-1-260C-UNLIM 0 to 70 LM324A LM324ADE4 LIFEBUY SOIC D 14 50 RoHS & Green NIPDAU Level-1-260C-UNLIM 0 to 70 LM324A LM324ADR ACTIVE SOIC D 14 2500 RoHS & Green NIPDAU | SN Level-1-260C-UNLIM 0 to 70 LM324A Samples LM324ADRE4 LIFEBUY SOIC D 14 2500 RoHS & Green NIPDAU Level-1-260C-UNLIM 0 to 70 LM324A LM324ADRG4 LIFEBUY SOIC D 14 2500 RoHS & Green NIPDAU Level-1-260C-UNLIM 0 to 70 LM324A LM324AN ACTIVE PDIP N 14 25 RoHS & Green NIPDAU N / A for Pkg Type 0 to 70 LM324AN Samples LM324ANSR LIFEBUY SO NS 14 2000 RoHS & Green NIPDAU Level-1-260C-UNLIM 0 to 70 LM324A LM324ANSRG4 LIFEBUY SO NS 14 2000 RoHS & Green NIPDAU Level-1-260C-UNLIM 0 to 70 LM324A LM324APW LIFEBUY TSSOP PW 14 90 RoHS & Green NIPDAU Level-1-260C-UNLIM 0 to 70 L324A LM324APWE4 LIFEBUY TSSOP PW 14 90 RoHS & Green NIPDAU Level-1-260C-UNLIM 0 to 70 L324A LM324APWR ACTIVE TSSOP PW 14 2000 RoHS & Green NIPDAU | SN Level-1-260C-UNLIM 0 to 70 L324A Samples LM324APWRG4 ACTIVE TSSOP PW 14 2000 RoHS & Green NIPDAU Level-1-260C-UNLIM 0 to 70 L324A Samples LM324BAIPWR ACTIVE TSSOP PW 14 3000 RoHS & Green NIPDAU Level-1-260C-UNLIM -40 to 85 L324BA Samples LM324BIPWR ACTIVE TSSOP PW 14 3000 RoHS & Green NIPDAU Level-1-260C-UNLIM -40 to 85 LM324B Samples LM324D LIFEBUY SOIC D 14 50 RoHS & Green NIPDAU Level-1-260C-UNLIM 0 to 70 LM324 LM324DE4 LIFEBUY SOIC D 14 50 RoHS & Green NIPDAU Level-1-260C-UNLIM 0 to 70 LM324 Addendum-Page 4 |