| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LM324ADE4 bảng dữ liệu(PDF) 26 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LM324ADE4 bảng dữ liệu(HTML) 26 Page - Texas Instruments |
|
26 / 55 page ![]() 8.4.2 Layout Examples NC VCC+ IN1 í IN1+ VCC í NC OUT NC RG RIN RF GND VIN VS- GND VS+ GND Run the input traces as far away from the supply lines as possible Only needed for dual-supply operation Place components close to device and to each other to reduce parasitic errors Use low-ESR, ceramic bypass capacitor (or GND for single supply) Ground (GND) plane on another layer VOUT Figure 8-3. Operational Amplifier Board Layout for Noninverting Configuration + RIN RG RF VOUT VIN Figure 8-4. Operational Amplifier Schematic for Noninverting Configuration LM124, LM124A, LM224, LM224A, LM224K, LM224KA LM324, LM324A, LM324B, LM324BA, LM324K, LM324KA LM2902, LM2902B, LM2902BA, LM2902K, LM2902KV, LM2902KAV SLOS066AB – SEPTEMBER 1975 – REVISED NOVEMBER 2023 www.ti.com 26 Submit Document Feedback Copyright © 2023 Texas Instruments Incorporated Product Folder Links: LM124 LM124A LM224 LM224A LM224K LM224KA LM324 LM324A LM324B LM324BA LM324K LM324KA LM2902 LM2902B LM2902BA LM2902K LM2902KV LM2902KAV |