| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HT2MOA3S20/E/3 bảng dữ liệu(PDF) 18 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HT2MOA3S20/E/3 bảng dữ liệu(HTML) 18 Page - NXP Semiconductors |
|
18 / 22 page ![]() Specifications of the HT2 MOA3 S20 Rev. 1.1 1997-08-19 Ht2moa3.doc/HS Page 18 of 22 6 Quality Inspection Quality inspection is performed with statistical quality control according to ISO 2859 part 1, with AQL1.0. Optical Properties scratches, encapsulation failures, gold discolouration, delamination according to the reference sample catalogue Geometrical Properies width measured with gauge length measured with gauge overall thickness measured with micrometer at the center of the transfer mould cap Electrical Properties operation basic read/write operations Shipment Quantity Packing and Labeling |