| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
IP80C88 bảng dữ liệu(PDF) 19 Page - Intersil Corporation |
|
|
|||||||||||||||||||||||||||||
IP80C88 bảng dữ liệu(HTML) 19 Page - Intersil Corporation |
|
19 / 32 page ![]() 19 FIGURE 23. BUS TIMING - MINIMUM MODE SYSTEM (Continued) NOTES: 11. Two INTA cycles run back-to-back. The 80C88 local ADDR/DATA bus is floating during both INTA cycles. Control signals are shown for the second INTA cycle. 12. Signals at 82C84A are shown for reference only. Waveforms (Continued) T4 T3 T2 T1 TW TDVCL TCLDX1 (7) TWHDX TCVCTX TCHCTV (30) TCLAV TCLAZ TCHCTV (31) TCVCTX TCVCTV (17) (26) (27) (29) TCVCTV DATA OUT AD7-AD0 INVALID ADDRESS CLK (82C84A OUTPUT) WRITE CYCLE AD7-AD0 DEN WR INTA CYCLE (NOTE 11) RD, WR = VOH AD7-AD0 DT/R INTA DEN AD7-AD0 SOFTWARE HALT - DEN, RD, WR, INTA = VOH SOFTWARE HALT (29) TCVCTV POINTER TCL2CL1 (5) TW TCLAV TCLDV TCLAX (18) TCLDX2 (29) (28) TWLWH (38) (29) TCVCTV (19) TCVCTX (31) (6) (30) (31) (17) TCH1CH2 (4) ALE IO/M DT/R SSO TCLLH (23) TCHLL (24) TCVCTX (31) TCHCTV (30) 80C88 |