| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HT68F04C bảng dữ liệu(PDF) 31 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT68F04C bảng dữ liệu(HTML) 31 Page - Holtek Semiconductor Inc |
|
31 / 142 page ![]() HT66F03C/HT66F04C/HT68F03C/HT68F04C Rev. 0.00 31 February 26, 2010 Preliminary Together with fSYS/4 it is also used as one of the clock sources for the Watchdog timer. The fTBC clock is used as a source for the Time Base interrupt functions and for the TMs. System Operation Modes There are six different modes of operation for the microcontroller, each one with its own special character- istics and which can be chosen according to the specific performance and power requirements of the applica- tion. There are two modes allowing normal operation of the microcontroller, the NORMAL Mode and SLOW Mode. The remaining four modes, the SLEEP0, SLEEP1, IDLE0 and IDLE1 Mode are used when the microcontroller CPU is switched off to conserve power. Operation Mode Description CPU fSYS fSUB fS fTBC NORMAL Mode On fH~fH/64 On On On SLOW Mode On fL On On On IDLE0 Mode Off Off On On/Off On IDLE1 Mode Off On On On On SLEEP0 Mode Off Off Off Off Off SLEEP1 Mode Off Off On On Off · NORMAL Mode As the name suggests this is one of the main operat- ing modes where the microcontroller has all of its functions operational and where the system clock is provided by one of the high speed oscillators. This mode operates allowing the microcontroller to operate normally with a clock source will come from one of the high speed oscillators, either the HXT, ERC or HIRC oscillators. The high speed oscillator will however first be divided by a ratio ranging from 1 to 64, the actual ratio being selected by the CKS2~LCKS0 and HLCLK bits in the SMOD register. Although a high speed os- cillator is used, running the microcontroller at a di- vided clock ratio reduces the operating current. · SLOW Mode This is also a mode where the microcontroller oper- ates normally although now with a slower speed clock source. The clock source used will be from one of the low speed oscillators, either the LXT or the LIRC. Running the microcontroller in this mode allows it to run with much lower operating currents. In the SLOW Mode, the fH is off. · SLEEP0 Mode The SLEEP Mode is entered when an HALT instruc- tion is executed and when the IDLEN bit in the SMOD register is low. In the SLEEP0 mode the CPU will be stopped, and the fSUB and fS clocks will be stopped too, and the Watchdog Timer function is disabled. In this mode, the LVDEN is must set to ²0². If the LVDEN is set to ²1²,itwon¢t enter the SLEEP0 Mode. · SLEEP1 Mode The SLEEP Mode is entered when an HALT instruc- tion is executed and when the IDLEN bit in the SMOD register is low. In the SLEEP1 mode the CPU will be stopped. However the fSUB and fS clocks will continue to operate if the LVDEN is ²1² or the Watchdog Timer function is enabled and if its clock source is chosen via configuration option to come from the fSUB. · IDLE0 Mode The IDLE0 Mode is entered when a HALT instruction is executed and when the IDLEN bit in the SMOD reg- ister is high and the FSYSON bit in the WDTC register is low. In the IDLE0 Mode the system oscillator will be inhibited from driving the CPU but some peripheral functions will remain operational such as the Watch- dog Timer, TMs and SIM. In the IDLE0 Mode, the sys- tem oscillator will be stopped. In the IDLE0 Mode the Watchdog Timer clock, fS, will either be on or off de- pending upon the fS clock source. If the source is fSYS/4 then the fS clock will be off, and if the source co- mes from fSUB then fS will be on. · IDLE1 Mode The IDLE1 Mode is entered when an HALT instruction is executed and when the IDLEN bit in the SMOD reg- ister is high and the FSYSON bit in the WDTC register is high. In the IDLE1 Mode the system oscillator will be inhibited from driving the CPU but may continue to provide a clock source to keep some peripheral func- tions operational such as the Watchdog Timer, TMs and SIM. In the IDLE1 Mode, the system oscillator will continue to run, and this system oscillator may be high speed or low speed system oscillator. In the IDLE1 Mode the Watchdog Timer clock, fS, will be on. If the source is fSYS/4 then the fS clock will be on, and if the source comes from fSUB then fS will be on. |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |