công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HT68F04C bảng dữ liệu(PDF) 77 Page - Holtek Semiconductor Inc

tên linh kiện HT68F04C
Giải thích chi tiết về linh kiện  8-Pin Enhanced Flash Type 8-Bit MCU with EEPROM
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HOLTEK [Holtek Semiconductor Inc]
Trang chủ  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT68F04C bảng dữ liệu(HTML) 77 Page - Holtek Semiconductor Inc

Back Button HT68F04C Datasheet HTML 73Page - Holtek Semiconductor Inc HT68F04C Datasheet HTML 74Page - Holtek Semiconductor Inc HT68F04C Datasheet HTML 75Page - Holtek Semiconductor Inc HT68F04C Datasheet HTML 76Page - Holtek Semiconductor Inc HT68F04C Datasheet HTML 77Page - Holtek Semiconductor Inc HT68F04C Datasheet HTML 78Page - Holtek Semiconductor Inc HT68F04C Datasheet HTML 79Page - Holtek Semiconductor Inc HT68F04C Datasheet HTML 80Page - Holtek Semiconductor Inc HT68F04C Datasheet HTML 81Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 142 page
background image
HT66F03C/HT66F04C/HT68F03C/HT68F04C
Rev. 0.00
77
February 26, 2010
Preliminary
If the TM is in the Compare Match Output Mode then the TM output pin will be reset to its initial
condition, as specified by the T2AOC or T2BOC bit, when the T2ON bit changes from low to high.
Bit 2~0
T2RP2~T2RP0: TM2 CCRP 3-bit register, compared with the TM2 Counter bit 9~bit 7
Comparator P Match Period
000: 1024 TM2 clocks
001: 128 TM2 clocks
010: 256 TM2 clocks
011: 384 TM2 clocks
100: 512 TM2 clocks
101: 640 TM2 clocks
110: 768 TM2 clocks
111: 896 TM2 clocks
These three bits are used to setup the value on the internal CCRP 3-bit register, which are then
compared with the internal counter
¢s highest three bits. The result of this comparison can be
selected to clear the internal counter if the T2CCLR bit is set to zero. Setting the T2CCLR bit to
zero ensures that a compare match with the CCRP values will reset the internal counter. As the
CCRP bits are only compared with the highest three counter bits, the compare values exist in 128
clock cycle multiples. Clearing all three bits to zero is in effect allowing the counter to overflow at
its maximum value.
¨ TM2C1 Register
Bit
76543210
Name
T2AM1
T2AM0
T2AIO1
T2AIO0
T2AOC
T2APOL
T2CDN
T2CCLR
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R
R/W
POR
00000000
Bit 7~6
T2AM1~T2AM0: Select TM2 CCRA Operating Mode
00: Compare Match Output Mode
01: Capture Input Mode
10: PWM Mode or Single Pulse Output Mode
11: Timer/Counter Mode
These bits setup the required operating mode for the TM. To ensure reliable operation the TM
should be switched off before any changes are made to the T2AM1 and T2AM0 bits. In the
Timer/Counter Mode, the TM output pin control must be disabled.
Bit 5~4
T2AIO1~T2AIO0: Select TP2A output function
Compare Match Output Mode
00: No change
01: Output low
10: Output high
11: Toggle output
PWM Mode/ Single Pulse Output Mode
00: Force inactive state
01: Force active state
10: PWM output
11: Single pulse output
Capture Input Mode
00: Input capture at rising edge of TP2A
01: Input capture at falling edge of TP2A
10: Input capture at falling/rising edge of TP2A
11: Input capture disabled
Timer/counter Mode
Unused
These two bits are used to determine how the TM output pin changes state when a certain
condition is reached. The function that these bits select depends upon in which mode the TM is
running.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com